Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3201VS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3201VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3201VS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS90C3201VS/NOPB Datasheet HTML 14Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 15Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 16Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 17Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 18Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 19Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 20Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 21Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MECHANICAL DATA
MPQF013 – NOVEMBER 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PDT (S-PQFP-G128)
PLASTIC QUAD FLATPACK
64
33
0,13 NOM
Gage Plane
0,25
0,45
0,75
Seating Plane
0,05 MIN
4087726/A 11/95
0,23
0,13
65
32
96
1
12,40 TYP
128
97
SQ
SQ
0,95
1,05
15,90
16,10
13,95
1,20 MAX
14,05
0,08
0,40
M
0,05
0
°–5°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com