Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3201VS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3201VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3201VS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS90C3201VS/NOPB Datasheet HTML 9Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 10Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 11Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 12Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 13Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 14Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 15Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 16Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DS90C3201
www.ti.com
SNLS192D – APRIL 2005 – REVISED APRIL 2013
DS90C3201 PIN DESCRIPTIONS (continued)
Pin No.
Pin Name
I/O
Pin Type
Description
11
TXEB6
I/P
LVTTL I/P (pulldown)
LVTTL level data input
12
VDDE1
VDD
DIGITAL
Power supply for digital circuitry
13
VSSE1
GND
DIGITAL
Ground pin for digital circuitry
14
TXEA0
I/P
LVTTL I/P (pulldown)
LVTTL level data input
15
TXEA1
I/P
LVTTL I/P (pulldown)
LVTTL level data input
16
TXEA2
I/P
LVTTL I/P (pulldown)
LVTTL level data input
17
TXEA3
I/P
LVTTL I/P (pulldown)
LVTTL level data input
18
TXEA4
I/P
LVTTL I/P (pulldown)
LVTTL level data input
19
TXEA5
I/P
LVTTL I/P (pulldown)
LVTTL level data input
20
TXEA6
I/P
LVTTL I/P (pulldown)
LVTTL level data input
21
VDDP1
VDD
PLL
Power supply for PLL circuitry
22
VSSP1
GND
PLL
Ground pin for PLL circuitry
23
VSSP0
GND
PLL
Ground pin for PLL circuitry
24
VDDP0
VDD
PLL
Power supply for PLL circuitry
25
VDDT0
VDD
TX LOGIC
Power supply for logic
26
VSST0
GND
TX LOGIC
Ground pin for logic
27
TCLKIN
I/P
LVTTL I/P (pulldown)
LVTTL level data clock input
28
VDDI
VDD
DIGITAL
Power supply for digital circuitry
29
VSSI
GND
DIGITAL
Ground pin for digital circuitry
30
PWDNB
I/P
LVTTL I/P (pulldown)
Powerdown Bar (Active LOW)
0 = DEVICE DISABLED
1 = DEVICE ENABLED
31
S2CLK
I/P
DIGITAL
Two-wire Serial interface - clock
32
S2DAT
I/OP
DIGITAL
Two-wire Serial interface - data
33
RFB
VDD
LVTTL I/P (pulldown)
Rising Falling Bar (Figure 12)
0 = FALLING EDGE
1 = RISING EDGE
34
MODE0
I/P
LVTTL I/P (pulldown)
“EVEN” bank enable
0 = LVDS EVEN OUTPUTS DISABLED
1 = LVDS EVEN OUTPUTS ENABLED
35
VDDL
VDD
ANALOG
Power supply for analog circuitry
36
VSSL
GND
ANALOG
Ground pin for analog circuitry
37
TXEE+
O/P
LVDS O/P
Positive LVDS differential data output
38
TXEE -
O/P
LVDS O/P
Negative LVDS differential data output
39
TXED+
O/P
LVDS O/P
Positive LVDS differential data output
40
TXED -
O/P
LVDS O/P
Negative LVDS differential data output
41
TXEC+
O/P
LVDS O/P
Positive LVDS differential data output
42
TXEC -
O/P
LVDS O/P
Negative LVDS differential data output
43
TXEB+
O/P
LVDS O/P
Positive LVDS differential data output
44
TXEB -
O/P
LVDS O/P
Negative LVDS differential data output
45
TXEA+
O/P
LVDS O/P
Positive LVDS differential data output
46
TXEA -
O/P
LVDS O/P
Negative LVDS differential data output
47
TCLKOUT+
O/P
LVDS O/P
Positive LVDS differential data output
48
TCLKOUT -
O/P
LVDS O/P
Negative LVDS differential data output
49
VDDL
VDD
ANALOG
Power supply for analog circuitry
50
VSSL
GND
ANALOG
Ground pin for analog circuitry
51
TXOE+
O/P
LVDS O/P
Positive LVDS differential data output
52
TXOE -
O/P
LVDS O/P
Negative LVDS differential data output
53
TXOD+
O/P
LVDS O/P
Positive LVDS differential data output
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DS90C3201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com