Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3201VS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3201VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3201VS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS90C3201VS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DS90C3201
SNLS192D – APRIL 2005 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)
−0.3V to +4V
LVCMOS/LVTTL Input Voltage
−0.3V to (VDD + 0.3V)
LVCMOS/LVTTL Output Voltage
−0.3V to (VDD + 0.3V)
LVDS Output Voltage
−0.3V to (VDD + 0.3V)
LVDS Short Circuit Duration
Continuous
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature
(Soldering, 10 seconds)
+260°C
Maximum Package Power Dissipation Capacity at 25°C
128 TQFP Package
1.4W
Package Derating
25.6mW/°C above +25°C
HBM, 1.5k
Ω, 100pF
> 2 kV
ESD Rating
EIAJ, 0
Ω, 200pF
> 200 V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the device should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Recommended Operating Conditions
Min
Nom
Max
Unit
Supply Voltage (VDD)
3.15
3.3
3.6
V
Operating Free Air
Temperature (TA)
0
+25
+70
°C
Supply Noise Voltage (VP-P)
±100
mVP-P
Transmitter Input Range
0
VDD
V
Input Clock Frequency (f)
8
135
MHz
TCLKIN Period (TCIP)
7.4
125
ns
Electrical Characteristics
(1) (2) (3)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LVCMOS/LVTTL DC SPECIFICATIONS (Tx inputs, control inputs)
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
0
0.8
V
VCL
Input Clamp Voltage
ICL = −18mA
−0.8
−1.5
V
IIN
Input Current
0V
≤ VIN ≤ VDD
+10
µA
VIN = 0V
−10
0
µA
LVDS TRANSMITTER DC SPECIFICATIONS
VOD
Differential Output Voltage
RL = 100Ω, Register addr 28d/1ch
200
400
620
mV
(Programmable register)
bit [5] (TXE) = 0b,
bit [4] (TXO) = 0b (Default)
RL = 100Ω, Register addr 28d/1ch
100
250
400
mV
bit [5] (TXE) = 1b,
bit [4] (TXO) = 1b
ΔVOD
Change in VOD between
RL = 100Ω
50
mV
complimentary output states
(1)
Typical values are given for VDD = 3.3V and T A = +25°C.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
unless otherwise specified.
(3)
The Minimum and Maximum Limits are based on statistical analysis of the device performance over process, voltage and temperature
ranges. This parameter is functional tested only on Automatic Test Equipment (ATE).
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90C3201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com