Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3201VS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3201VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3201VS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS90C3201VS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DS90C3201
www.ti.com
SNLS192D – APRIL 2005 – REVISED APRIL 2013
DS90C3201 3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
Check for Samples: DS90C3201
1
FEATURES
DESCRIPTION
The DS90C3201 is a 3.3V single/dual FPD-Link 10-
2
•
Up to 9.45Gbit/s data throughput
bit color transmitter is designed to be used in Liquid
•
8 MHz to 135 MHz input clock support
Crystal Display TVs, LCD Monitors, Digital TVs, and
•
Supports up to QXGA panel resolutions
Plasma Display Panel TVs. The DS90C3201 is
designed to interface between the digital video
•
Supports HDTV resolutions and frame rates up
processor and the display device using the low-
to 1920 x 1080p
power, low-EMI LVDS (Low Voltage Differential
•
LVDS 30-bit, 24-bit or 18-bit color data outputs
Signaling) interface. The DS90C3201 converts up to
•
Supports single pixel and dual pixel interfaces
70 bits of LVCMOS/LVTTL data into ten LVDS data
streams.
The
transmitter
can
be
programmed
•
Supports spread spectrum clocking
clocking data with rising edge or falling edge clock.
•
Two-wire serial communication interface
Optional two-wire serial programming allows fine
•
Programmable clock edge and control strobe
tuning in development and production environments.
select
At a transmitted clock frequency of 135 MHz, 70 bits
of LVCMOS/LVTTL data are transmitted at an
•
Power down mode
effective rate of 945 Mbps per LVDS channel. Using
•
+3.3V supply voltage
a 135 MHz clock, the data throughput is 9.45Gbit/s
•
128-pin TQFP
(945Mbytes/s). This allows the dual 10-bit LVDS
Transmitter to support HDTV resolutions.
•
Compliant to TIA/EIA-644-A-2001 LVDS
Standard
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90C3201VS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C3201VS NSC-DS90C3201VS Datasheet
483Kb / 3P
3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
DS90C3201VS NSC-DS90C3201VS Datasheet
908Kb / 20P
3.3V 8 MHz to 135MHz Dual FPD-LIink Transmitter
More results

Similar Description - DS90C3201VS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C3201 NSC-DS90C3201 Datasheet
483Kb / 3P
3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
DS90C3202 NSC-DS90C3202 Datasheet
1Mb / 22P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
DS90C3201 NSC-DS90C3201_06 Datasheet
908Kb / 20P
3.3V 8 MHz to 135MHz Dual FPD-LIink Transmitter
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C3201 TI1-DS90C3201_14 Datasheet
354Kb / 23P
3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
DS90C3202 TI1-DS90C3202_14 Datasheet
440Kb / 27P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
DS90C3202 TI1-DS90C3202_13 Datasheet
439Kb / 26P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
DS90CF383 TI1-DS90CF383_11 Datasheet
262Kb / 11P
3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com