Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM355CZCEA21 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA21 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320DM355CZCEA21 Datasheet HTML 38Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 39Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 40Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 41Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 42Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 43Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 44Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 45Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
COUT5-G2 /
C1
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
PINMUX1[5:4].COU
GIO079 /
/ GIO /
function
T_5
PWM2A / RTO0
PWM2
/ RTO
GIO: GIO[079]
PWM2A
RTO0(5)
COUT4-B7 /
D3
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
PINMUX1[7:6].COU
GIO078 /
/ GIO /
function
T_4
PWM2B / RTO1
PWM2
/ RTO
GIO: GIO[078]
PWM2B
RTO1(5)
COUT3-B6 /
E3
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
PINMUX1[9:8].COU
GIO077 /
/ GIO /
function
T_3
PWM2C / RTO2
PWM2
/ RTO
GIO: GIO[077]
PWM2C
RTO2(5)
COUT2-B5 /
E4
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
PINMUX1[11:10].CO
GIO076 /
/ GIO /
function
UT_2
PWM2D / RTO3
PWM2
/ RTO
GIO: GIO[076]
PWM2D
RTO3(6)
COUT1-B4 /
F3
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
PINMUX1[13:12].CO
GIO075 /
/ GIO /
function
UT_1
PWM3A
PWM3
GIO: GIO[075]
PWM3A(6)
COUT0-B3 /
F4
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
PINMUX1[15:14].CO
GIO074 /
/ GIO /
function
UT_0
PWM3B
PWM3
GIO: GIO[074]
PWM3B(6)
HSYNC /
F5
I/O
VENC
VDD_VOUT
PD
in
Video Encoder: Horizontal Sync
PINMUX1[16].HVSY
GIO073
/ GIO
NC
GIO: GIO[073](6)
VSYNC /
G5
I/O
VENC
VDD_VOUT
PD
in
Video Encoder: Vertical Sync
PINMUX1[16].HVSY
GIO072
/ GIO
NC
GIO: GIO[072](6)
LCD_OE /
H5
I/O
VENC
VDD_VOUT
out
Video Encoder: LCD Output Enable or
PINMUX1[17].DLCD
GIO071
/ GIO
BRIGHT signal
GIO: GIO[071](6)
(6)
To reduce EMI and reflections, depending on the trace length, approximately 22
Ω to 50 Ω damping resistors are recommend on the
following outputs placed near the DM355: YOUT(0-7),COUT(0-7), HSYNC,VSYNC,LCD_OE,FIELD,EXTCLK,VCLK. The trace lengths
should be minimized.
42
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com