Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM355CZCEA21 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA21 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320DM355CZCEA21 Datasheet HTML 44Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 45Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 46Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 47Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 48Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 49Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 50Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 51Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
EM_D09 /
K18
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[09]
PINMUX2[4].EM_D1
GIO047
F /
5_8,
GIO
GIO: GIO[047]
default set by
AECFG[3]
EM_D08 /
L16
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[08]
PINMUX2[4].EM_D1
GIO046
F /
5_8,
GIO
GIO: GIO[046]
default set by
AECFG[3]
EM_D07 /
K19
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[07]
PINMUX2[5].EM_D7
GIO045
F /
_0
GIO
GIO: GIO[045]
EM_D06 /
K17
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[06]
PINMUX2[5].EM_D7
GIO044
F /
_0
GIO
GIO: GIO[044]
EM_D05 /
J19
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[05]
PINMUX2[5].EM_D7
GIO043
F /
_0
GIO
GIO: GIO[043]
EM_D04 /
L15
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[04]
PINMUX2[5].EM_D7
GIO042
F /
_0
GIO
GIO: GIO[042]
EM_D03 /
J18
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[03]
PINMUX2[5].EM_D7
GIO041
F /
_0
GIO
GIO: GIO[041]
EM_D02 /
H19
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[02]
PINMUX2[5].EM_D7
GIO040
F /
_0
GIO
GIO: GIO[040]
EM_D01 /
J17
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[01]
PINMUX2[5].EM_D7
GIO039
F /
_0
GIO
GIO: GIO[039]
EM_D00 /
H18
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[00]
PINMUX2[5].EM_D7
GIO038
F /
_0
GIO
GIO: GIO[038]
EM_CE0 /
J16
I/O
AEMI
VDD
out H
Async EMIF: Lowest numbered Chip Select.
PINMUX2[6].EM_CE
GIO037
F /
Can be programmed to be used for standard 0
GIO
asynchronous memories (example:flash),
OneNand or NAND memory. Used for the
default boot and ROM boot modes.
GIO: GIO[037]
EM_CE1 /
G19
I/O
AEMI
VDD
out H
Async EMIF: Second Chip Select., Can be
PINMUX2[7].EM_CE
GIO036
F /
programmed to be used for standard
1
GIO
asynchronous memories (example: flash),
OneNand or NAND memory.
GIO: GIO[036]
48
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com