| Electronic Components Datasheet Search |
|
TMS320DM355CZCEA21 Datasheet(PDF) 90 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355CZCEA21 Datasheet(HTML) 90 Page - Texas Instruments |
|
90 / 163 page ![]() TMS320DM355 SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 www.ti.com – Optional, user-selectable, support for use of DMA and I-cache during RBL execution (i.e.,while loading UBL) – Supports booting from 8-bit NAND devices (16-bit NAND devices are not supported) – Uses/Requires 4-bit HW ECC (NAND devices with ECC requirements ≤ 4 bits per 512 bytes are supported) – Supports NAND flash that requires chip select to stay low during the tR read time Notes: – See Section 3.12.2 for a full explanation of the differences between Standard Mode and Compatibility Mode. – The GIO000 pin must be held high during NAND boot for the boot process to fuction properly. • ARM ROM Boot - MMC/SD Mode – No support for a full firmware boot. Instead, copies a second stage User Boot Loader (UBL) from MMC/SD to ARM Internal RAM (AIM) and transfers control to the user software. – Support for MMC/SD Native protocol (MMC/SD SPI protocol is not supported) – Support for descriptor error detection and retry (up to 24 times) when loading UBL – Support for up to 30KB UBL (32KB - ~2KB for RBL stack) • ARM ROM Boot - UART mode – No support for a full firmware boot. Instead, loads a second stage User Boot Loader (UBL) via UART to ARM internal RAM (AIM) and transfers control to the user software. – Support for up to 30KB UBL (32KB - ~2KB for RBL stack) The general boot sequence is shown in Figure 3-6. For more information, refer to TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFB3). 90 Detailed Device Description Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |