Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM355CZCEA21 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA21 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320DM355CZCEA21 Datasheet HTML 75Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 76Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 77Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 78Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 79Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 80Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 81Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 82Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
3.6.2
PLLC1
PLLC1 provides most of the DM355 clocks. Software controls PLLC1 operation through the PLLC1
registers. The following list, Table 3-16, and Figure 3-3 describe the customizations of PLLC1 in the
DM355.
•
Provides primary DM355 system clock
•
Software configurable
•
Accepts clock input or internal oscillator input
•
PLL pre-divider value is fixed to (/8)
•
PLL multiplier value is programmable
•
PLL post-divider
•
Only SYSCLK[4:1] are used
•
SYSCLK1 divider value is fixed to (/2)
•
SYSCLK2 divider value is fixed to (/4)
•
SYSCLK3 divider value is programmable
•
SYSCLK4 divider value is programmable to (/4) or (/2)
•
SYSCLKBP divider value is fixed to (/3)
•
SYSCLK1 is routed to the ARM Subsystem
•
SYSCLK2 is routed to peripherals
•
SYSCLK3 is routed to the VPBE module
•
SYSCLK4 is routed to the VPSS module
•
AUXCLK is routed to peripherals with fixed clock domain and also to the output pin CLKOUT1
•
SYSCLKBP is routed to the output pin CLKOUT2
Table 3-16. PLLC1 Output Clocks
Output Clock
Used By
PLLDIV
Notes
Divider
SYSCLK1
ARM Subsystem / MPEG4 and JPEG Coprocessor
/2
Fixed divider
SYSCLK2
Peripherals
/4
Fixed divider
SYSCLK3
VPBE (VENC module)
/n
Programmable divider (used to get 27
MHz for VENC)
SYSCLK4
VPSS
/4 or /2
Programmable divider
AUXCLK
Peripherals, CLKOUT1
none
No divider
SYSCLKBP
CLKOUT2
/3
Fixed divider
Copyright © 2007–2010, Texas Instruments Incorporated
Detailed Device Description
79
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com