Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM355CZCEA21 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA21 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320DM355CZCEA21 Datasheet HTML 61Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 62Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 63Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 64Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 65Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 66Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 67Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 68Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
3.3.2
External Memories
The ARM has access to the following External memories:
•
DDR2 / mDDR Synchronous DRAM
•
Asynchronous EMIF / OneNAND
•
NAND Flash
•
Flash card devices:
–
MMC/SD
–
xD
–
SmartMedia
3.3.3
Peripherals
The ARM has access to all of the peripherals on the DM355 device.
3.4
ARM Interrupt Controller (AINTC)
The DM355 ARM Interrupt Controller (AINTC) has the following features:
•
Supports up to 64 interrupt channels (16 external channels)
•
Interrupt mask for each channel
•
Each interrupt channel can be mapped to a Fast Interrupt Request (FIQ) or to an Interrupt Request
(IRQ) type of interrupt.
•
Hardware prioritization of simultaneous interrupts
•
Configurable interrupt priority (2 levels of FIQ and 6 levels of IRQ)
•
Configurable interrupt entry table (FIQ and IRQ priority table entry) to reduce interrupt processing time
The ARM core supports two interrupt types: FIQ and IRQ. See the ARM926EJ-S Technical Reference
Manual for detailed information about the ARM’s FIQ and IRQ interrupts. Each interrupt channel is
mappable to an FIQ or to an IRQ type of interrupt, and each channel can be enabled or disabled. The
INTC supports user-configurable interrupt-priority and interrupt entry addresses. Entry addresses minimize
the time spent jumping to interrupt service routines (ISRs). When an interrupt occurs, the corresponding
highest priority ISR’s address is stored in the INTC’s ENTRY register. The IRQ or FIQ interrupt routine can
read the ENTRY register and jump to the corresponding ISR directly. Thus, the ARM does not require a
software dispatcher to determine the asserted interrupt.
3.4.1
Interrupt Mapping
The AINTC takes up to 64 ARM device interrupts and maps them to either the IRQ or to the FIQ of the
ARM. Each interrupt is also assigned one of 8 priority levels (2 for FIQ, 6 for IRQ). For interrupts with the
same priority level, the priority is determined by the hardware interrupt number (the lowest number has the
highest priority). Table 3-1 shows the connection of device interrupts to the ARM.
Table 3-1. AINTC Interrupt Connections(1)
Interrupt
Acronym
Source
Interrupt
Acronym
Source
Number
Number
0
VPSSINT0
VPSS - INT0,
32
TINT0
Timer 0 - TINT12
Configurable via
VPSSBL register:
INTSEL
1
VPSSINT1
VPSS - INT1
33
TINT1
Timer 0 - TINT34
2
VPSSINT2
VPSS - INT2
34
TINT2
Timer 1 - TINT12
(1)
The total number of interrupts in DM355 exceeds 64, which is the maximum value of the AINTC module. Therefore, several interrupts
are multiplexed and you must use the register ARM_INTMUX in the System Control Module to select the interrupt source for multiplexed
interrupts. Refer to TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number
SPRUFB3) for more information on the System Control Module register ARM_INTMUX.
Copyright © 2007–2010, Texas Instruments Incorporated
Detailed Device Description
65
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com