Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM355CZCEA21 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA21 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320DM355CZCEA21 Datasheet HTML 73Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 74Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 75Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 76Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 77Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 78Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 79Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 80Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
3.5.5
Peripheral Clocking Considerations
3.5.5.1
Video Processing Back End Clocking
The Video Processing Back End (VPBE) is a sub-module of the Video Processing Subsystem (VPSS).
The VPBE is designed to interface with a variety of LCDs and an internal DAC module. There are two
asynchronous clock domains in the VPBE: an internal clock domain and an external clock domain. The
internal clock domain is driven by the VPSS clock (PLL1 SYSCLK4). The external clock domain is
configurable; you can select one of five source:
•
24 MHz crystal input at MXI1
•
27 MHz crystal input at MXI2 (optional feature, not typically used)
•
PLL1 SYSCLK3
•
EXTCLK pin (external VPBE clock input pin)
•
PCLK pin (VPFE pixel clock input pin)
See the TMS320DM35x Digital Media System-on-Chip Video Processing Back End (VPBE) Reference
Guide (literature number SPRUF72) for complete information on VPBE clocking.
3.5.5.2
USB Clocking
The USB Controller is driven by two clocks: an output clock of PLL1 (SYSCLK2) and an output clock of
the USB PHY.
NOTE
For proper USB 2.0 function, SYSCLK2 must be greater than 60 MHz.
The USB PHY takes an input clock that is configurable by the USB PHY clock source bits (PHYCLKSRC)
in the USB PHY control register (USB_PHY_CTL) in the System Control Module. When a 24 MHz crystal
is used at MXI1/MXO1, set PHYCLKSRC to 0. This will present a 24 MHz clock to the USB PHY. When a
36 MHz crystal is used at MXI1/MXO1, set PHYCLKSRC to 1. This will present a 12 MHz clock (36 MHz
divided internally by three) to the USB PHY. The USB PHY is capable of accepting only 24 MHz and 12
MHz; thus you must use either a 24 MHz or 36 MHz crystal at MXI1/MXO1. See the TMS320DM355
DMSoC Universal Serial Bus (USB) Controller User's Guide (literature number SPRUED2) for more
information. See the TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference
Guide (literature number SPRUFB3) for more information on the System Control Module.
Copyright © 2007–2010, Texas Instruments Incorporated
Detailed Device Description
77
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com