Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM355CZCEA21 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA21 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320DM355CZCEA21 Datasheet HTML 89Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 90Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 91Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 92Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 93Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 94Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 95Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 96Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 3-24. UBL Signature and Special Modes for NAND Boot Mode
MODE
VALUE(1)
DESCRIPTION
UBL_MAGIC_SAFE
0xA1AC ED00
Safe boot mode
UBL_MAGIC_DMA
0xA1AC ED11
DMA boot mode
UBL_MAGIC_IC
0xA1AC ED22
I Cache boot mode
UBL_MAGIC_FAST
0xA1AC ED33
Fast EMIF boot mode
UBL_MAGIC_DMA_IC
0xA1AC ED44
DMA + I Cache boot mode
UBL_MAGIC_DMA_IC_FAST
0xA1AC ED55
DMA + I Cache + Fast EMIF boot mode
UBL_MAGIC_SPI_PARAMS
0xA1AC EDAA
NAND parameters from SPI EEPROM
(1)
The values listed only apply when operating in compatibility mode. These values follow the form 0xA1BCEDxx when operating in
standard mode.
Example: UBL_MAGIC_SAFE VALUE = 0xA1ACED00; Safe boot mode will configure the device to run in safe boot mode and in
compatibility mode. However, when using standard mode, the value should be 0xA1BCD00.
Table 3-25. NAND Layout (Compatibility Mode)
512 Byte Page Size
2048 Byte Page Size
512 bytes Data
512 bytes Data
16 bytes ECC Data
16 bytes ECC Data
512 bytes Data
16 bytes ECC Data
512 bytes Data
16 bytes ECC Data
512 bytes Data
16 bytes ECC Data
Table 3-26. NAND Layout (Standard Mode)
512 Byte Page Size
2048 Byte Page Size
4096 Byte Page Size
512 bytes Data
2048 bytes Data
4096 bytes Data
16 bytes ECC Data
64 bytes ECC Data
128 bytes ECC Data
Copyright © 2007–2010, Texas Instruments Incorporated
Detailed Device Description
93
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com