Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS3108IADCPRG4 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 20Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 21Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 22Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 23Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 24Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 25Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 26Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 27Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
www.ti.com
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
When the serial audio port (SAP) is in the master mode, the SAP uses the MCLKI or XTALI master clock
to drive the serial port clocks SCLKOUT1, SLCKOUT2, and LRCLK. When the SAP is in the slave mode,
LRCLK is an input and SCLKOUT2 and SCLKOUT1 are derived from SCLKIN. As shown in Figure 5-2,
SCLKOUT1 clocks data into the input SAP and SCLKOUT2 clocks data from the output SAP. Two distinct
clocks are required to support TDM-to-discrete and discrete-to-TDM data-format conversions. Such format
conversions also require that SCLKIN be the higher-valued bit-clock frequency. For TDM-in/discrete-out
format conversions, SCLKIN must be equal to the input bit clock. For discrete-in/TDM-out format
conversions, SCLKIN must be equal to the output bit clock. The frequency settings for SCLKOUT1,
SCLKOUT2, and LRCLK in the SAP master mode, as well as the SAP master/slave mode selection, are
all controlled by I2C commands. Table 5-3 lists the default settings at power turnon or after a received
reset.
Table 5-3. TAS3108/TAS3108IA Clock Default Settings
CLOCK
DEFAULT SETTING
SCLKOUT1
SCLKIN
SCLKOUT2
SCLKIN
MCLKO
MCLKI or XTALI
LRCLK
Input
Audio DSP clock
Set by pins PLL0 and PLL1
Microprocessor clock
Set by pin MICROCLK_DIV
PLL multiply ratio
11
I2C sampling clock
N = 0
I2C master SCL
M = 8
The selections provided by the dedicated TAS3108/TAS3108IA input pins and the programmable settings
provided by I2C subaddress commands give the TAS3108/TAS3108IA a variety of clocking options.
However, the following clocking restrictions must be adhered to:
• MCLKI or XTALI ≥128 f
S
NOTE
For some TDM modes, MCLKI or XTALI must be
≥256 f
S
• Audio DSP clock <136 MHz
• Microprocessor clock/20 ≥ I2C SCL clock
• Microprocessor clock ≤34 MHz
• I2C oversample clock/20 ≥ I2C SCL clock
• XTALI ≤20 MHz
• MCLKI ≤25 MHz
As long as these restrictions are met, all other clocking options are allowed.
See Section 7.1 for information on programming the clock register.
24
Clock Controls
Submit Documentation Feedback
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com