Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS3108IADCPRG4 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 21Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 22Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 23Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 24Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 25Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 26Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 27Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 28Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
www.ti.com
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Table 5-4. TAS3108/TAS3108IA MCLK and LRCLK Common Values (MCLK = 12.288 MHz or MCLK = 11.2896 MHz)
Input
LRCLK fS
PLL
fS
MCLK/
MCLK/
SCLK
SCLK
Divider
Ch
SCLKIN
SCLKIN
X Mux 1, 2,
Rate 32,
Multi-
fDSPCLK
Sample
LRCLK MCLK Freq
SCLK 1,
OUT1
Ch per
OUT2
1, 2, 4
per
Rate
Freq
3, 4, 6, 8,
64, 128,
plier
(MHz) Max
fDSPCLK/fS
Rate
Ratio
(MHz)
2, 3, 4, 6,
Rate
SDOUT
Rate
(pins
SDIN
(
× f
S)
(MHz)
16, 32
192, 256,
11 (pin
135.2 MHz
(kHz)
(
× f
S)
8, 16, 32
(
× f
S)
(
× f
S)
PLL0,
384, 512
PLL2)
PLL1)
Slave Mode, 2 Channels In, 2 Channels Out
32
2
384
12.288
64
2.048
N/A
1
64
2
64
64
1
11
135.2
4224
44.1
2
256
11.2896
64
2.822
N/A
1
64
2
64
64
1
11
124.2
2816
48
2
256
12.288
64
3.072
N/A
1
64
2
64
64
1
11
135.2
2816
88.2
2
128
11.2896
64
5.645
N/A
1
64
2
64
64
1
11
124.2
1408
96
2
128
12.288
64
6.144
N/A
1
64
2
64
64
1
11
135.2
1408
176.4
2
64
11.2896
64
11.290
N/A
1
64
2
64
64
1
11
124.2
704
192
2
64
12.288
64
12.288
N/A
1
64
2
64
64
1
11
135.2
704
Slave Mode, 2 Channels In, TDM Out
44.1
2
256
11.2896
256
11.290
N/A
4
64
8
256
64
1
11
124.2
2816
48
2
256
12.288
256
12.288
N/A
4
64
8
256
64
1
11
135.2
2816
88.2
2
128
11.2896
128
11.290
N/A
2
64
4
128
64
1
11
124.2
1408
96
2
128
12.288
128
6.144
N/A
2
64
4
128
64
1
11
135.2
1408
Slave Mode, TDM In, 2 Channels Out
44.1
8
256
11.2896
256
11.290
N/A
4
256
2
64
64
1
11
124.2
2816
48
8
256
12.288
256
12.288
N/A
4
256
2
64
64
1
11
135.2
2816
88.2
4
128
11.2896
128
11.290
N/A
2
128
2
64
64
1
11
124.2
1408
96
4
128
12.288
128
12.288
N/A
2
128
2
64
64
1
11
135.2
1408
Slave Mode, TDM In, TDM Out
44.1
8
256
11.2896
256
11.290
N/A
1
256
8
256
256
1
11
124.2
2816
48
8
256
12.288
256
12.288
N/A
1
256
8
256
256
1
11
135.2
2816
88.2
4
128
11.2896
128
11.290
N/A
1
128
4
128
128
1
11
124.2
1408
96
4
128
12.288
128
12.288
N/A
1
128
4
128
128
1
11
135.2
1408
Master Mode, 2 Channels In, 2 Channels Out
32
2
384
12.288
N/A
N/A
6
1
64
2
64
64
1
11
135.2
4224
44.1
2
256
11.2896
N/A
N/A
4
1
64
2
64
64
1
11
124.2
2816
48
2
256
12.288
N/A
N/A
4
1
64
2
64
64
1
11
135.2
2816
88.2
2
128
11.2896
N/A
N/A
2
1
64
2
64
64
1
11
124.2
1408
96
2
128
12.288
N/A
N/A
2
1
64
2
64
64
1
11
135.2
1408
176.4
2
64
11.2896
N/A
N/A
1
1
64
2
64
64
1
11
124.2
704
Submit Documentation Feedback
Clock Controls
25
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com