Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS3108IADCPRG4 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 41Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 42Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 43Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 44Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 45Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 46Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 47Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 48Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
www.ti.com
8.4 Electrical Characteristics (TAS3108/TAS3108IA)
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3-V TTL
IOH = –4 mA
2.4
VOH
High-level output voltage
V
1.8-V LVCMOS
IOH = –0.55 mA
1.44
(XTL_OUT)
3.3-V TTL
IOL = 4 mA
0.5
VOL
Low-level output voltage
V
1.8-V LVCMOS
IOL = 0.75 mA
0.4
(XTL_OUT)
High-impedance output
IOZ
3.3-V TTL
VI = VIL
±20
µA
current
3.3-V TTL
VI = VIL
±1
IIL
Low-level input current
µA
1.8-V LVCMOS (XTL_IN)
VI = VIL
±1
3.3-V TTL
VI = VIH
±1
IIH
High-level input current
µA
1.8-V LVCMOS (XTL_IN)
VI = VIH
±1
MCLKI = 24.576 MHz,
110
LRCLK = 192 kHz
MCLKI = 12.288 MHz,
Normal operation
100
LRCLK = 48 kHz
IDVDD
Digital supply current
mA
MCLKI = 8.192 MHz,
70
LRCLK = 32 kHz
Power down enabled
LRCLK, SCLK, MCLKI running
16
MCLKI = 24.576 MHz,
Normal operation
3
mA
LRCLK = 192 kHz
IA_DVDD Analog supply current
Power down enabled
LRCLK, SCLK, MCLKI running
2
mA
Submit Documentation Feedback
Electrical Specifications
45
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com