Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFC Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 14Page - Texas Instruments UCD3138128APFC Datasheet HTML 15Page - Texas Instruments UCD3138128APFC Datasheet HTML 16Page - Texas Instruments UCD3138128APFC Datasheet HTML 17Page - Texas Instruments UCD3138128APFC Datasheet HTML 18Page - Texas Instruments UCD3138128APFC Datasheet HTML 19Page - Texas Instruments UCD3138128APFC Datasheet HTML 20Page - Texas Instruments UCD3138128APFC Datasheet HTML 21Page - Texas Instruments UCD3138128APFC Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
t
POR
undefined
V33D
IReset
3.3 V
VGH
VGL
Vres
t
t
Brown Out
t
POR
ADC Input Voltage
Actual ADC transfer function
Line connecting actual zero-scale point and actual full-scale point
Best fit line
INL best fit
INL end point
18
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Parametric Measurement Information
Figure 8. Best Fit INL and End Point INL
Figure 9. Power On Reset (POR) / Brown Out Reset (BOR)
VGH –
This is the V33A threshold where the internal power is declared good. The UCD3138xA comes
out of reset when above this threshold.
VGL –
This is the V33A threshold where the internal power is declared bad. The device goes into reset
when below this threshold.
Vres –
This is the V33A threshold where the internal reset signal is no longer valid. Below this threshold
the device is in an indeterminate state.
IReset –
This is the internal reset signal. When low, the device is held in reset. This is equivalent to holding
the reset pin on the IC low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com