Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFC Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 11Page - Texas Instruments UCD3138128APFC Datasheet HTML 12Page - Texas Instruments UCD3138128APFC Datasheet HTML 13Page - Texas Instruments UCD3138128APFC Datasheet HTML 14Page - Texas Instruments UCD3138128APFC Datasheet HTML 15Page - Texas Instruments UCD3138128APFC Datasheet HTML 16Page - Texas Instruments UCD3138128APFC Datasheet HTML 17Page - Texas Instruments UCD3138128APFC Datasheet HTML 18Page - Texas Instruments UCD3138128APFC Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
15
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Values dependent on bus pull up resistor selection and are not ATE tested.
(2)
Characterized by design and not production tested.
7.7 PMBus/SMBus/I
2C Timing
The timing characteristics and timing diagram for the communications interface that supports I
2C, SMBus, and PMBus in
Slave or Master mode are shown in PMBus/SMBus/I
2C Timing, Figure 6, and Figure 7. The numbers in PMBus/SMBus/I2C
Timing shows that the device supports standard (100 kHz), fast (400 kHz), and fast-mode plus (1 MHz) speeds.
(1)
PARAMETER
TEST CONDITIONS
100 kHz Class
400 kHz Class
1 MHz Class(2)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Typical values at TA = 25 °C and VCC = 3.3 V (unless otherwise noted)
fSMB
SMBus/PMBus
operating
frequency
Slave mode, SMBC 50%
duty cycle
10
100
10
400
10
1000
kHz
fI2C
I2C operating
frequency
Slave mode, SCL 50% duty
cycle
10
100
10
400
10
1000
kHz
t(BUF)
Bus free time
between start and
stop
4.7
1.3
0.5
µs
t(HD:STA)
Hold time after
(repeated) start
4
0.6
0.26
µs
t(SU:STA)
Repeated start
setup time
4.7
0.6
0.26
µs
t(SU:STO)
Stop setup time
4
0.6
0.26
µs
t(HD:DAT)
Data hold time
Receive mode
0
0
0
ns
t(SU:DAT)
Data setup time
250
100
50
ns
t(TIMEOUT)
Error signal/detect
25
35
25
35
25
35
ms
t(LOW)
Clock low period
4.7
1.3
0.5
µs
t(HIGH)
Clock high period
4
50
0.6
50
0.26
50
µs
t(LOW:SEXT)
Cumulative clock
low slave extend
time
25
25
25
ms
tr
Clock/data fall time
Rise time tr = (VILmax –
0.15) to (VIHmin + 0.15)
20
+ 0.1 Cb
300
20
+ 0.1 Cb
300
20
+ 0.1 Cb
120
ns
tf
Clock/data rise
time
Fall time tf = 0.9 VDD to
(VILmax – 0.15)
20
+ 0.1 Cb
1000
20
+ 0.1 Cb
300
20
+ 0.1 Cb
120
ns
Cb
Total capacitance
of one bus line
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com