Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFC Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 25Page - Texas Instruments UCD3138128APFC Datasheet HTML 26Page - Texas Instruments UCD3138128APFC Datasheet HTML 27Page - Texas Instruments UCD3138128APFC Datasheet HTML 28Page - Texas Instruments UCD3138128APFC Datasheet HTML 29Page - Texas Instruments UCD3138128APFC Datasheet HTML 30Page - Texas Instruments UCD3138128APFC Datasheet HTML 31Page - Texas Instruments UCD3138128APFC Datasheet HTML 32Page - Texas Instruments UCD3138128APFC Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
29
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.3.2.1.4
High Resolution DPWM
Unlike conventional PWM controllers where the frequency of the clock dictates the maximum resolution of PWM
edges, the UCD3138xA DPWM can generate waveforms with resolutions as small as 250 ps. This is 16× the
resolution of the clock driving the DPWM module.
This is achieved by providing the DPWM mechanism with 16 phase shifted clock signals of 250 MHz. The high
resolution section of DPWM can be enabled or disabled, and the resolution can be defined in several steps
between 4 ns to 250 ps. This is done by setting the values of PWM_HR_MULTI_OUT_EN and HIRES_SCALE
inside the DPWM Control register 1. See the Power Peripherals programmer’s manual for details.
9.3.2.1.5
Oversampling
The DPWM module has the capability to trigger an oversampling event by initiating the EADC to sample the error
voltage. The default 00 configuration has the DPWM trigger the EADC once based on the sample trigger register
value. The over sampling register has the ability to trigger the sampling 2, 4 or 8 times per PWM period. Thus the
time the over sample happens is at the divide by 2, 4, or 8 time set in the sampling register. The 01 setting
triggers 2X oversampling, the 10 setting triggers 4X over sampling, and the 11 triggers oversampling at 8X.
9.3.2.1.6
DPWM Interrupt Generation
The DPWM has the capability to generate a CPU interrupt based on the PWM frequency programmed in the
period register. The interrupt can be scaled by a divider ratio of up to 255 for developing a slower interrupt
service execution loop. This interrupt can be fed to the ADC circuitry for providing an ADC12 trigger for sequence
synchronization. Table 4 outlines the divide ratios that can be programmed.
9.3.2.1.7
DPWM Interrupt Scaling/Range
Table 4. DPWM Interrupt Divide Ratio
Interrupt Divide
Setting
Interrupt Divide
Count
Interrupt Divide
Count (hex)
Switching Period
Frames (Assume 1-MHz
Loop)
Number of 32-MHz
Processor Cycles
1
0
00
1
32
2
1
01
2
64
3
3
03
4
128
4
7
07
8
256
5
15
0F
16
512
6
31
1F
32
1024
7
47
2F
48
1536
8
63
3F
64
2048
9
79
4F
80
2560
10
95
5F
96
3072
11
127
7F
128
4096
12
159
9F
160
5120
13
191
BF
192
6144
14
223
DF
224
7168
15
255
FF
256
8192
9.3.2.1.8
Synchronous Rectifier Dead Time Optimization Peripheral
The UCD3138xA has an advanced dead time control interface where it can accept UCD7138 output signals and
optimize SR gate driver signals accordingly. The UCD7138 low-side MOSFET driver is a high-performance driver
for secondary-side synchronous rectification (SR) with body diode conduction sensing. The device is suitable for
high power high efficiency isolated converter applications where dead-time optimization is desired. The UCD7138
gate driver is a companion device to UCD3138xA highly integrated digital controller for isolated power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com