Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFC Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 10Page - Texas Instruments UCD3138128APFC Datasheet HTML 11Page - Texas Instruments UCD3138128APFC Datasheet HTML 12Page - Texas Instruments UCD3138128APFC Datasheet HTML 13Page - Texas Instruments UCD3138128APFC Datasheet HTML 14Page - Texas Instruments UCD3138128APFC Datasheet HTML 15Page - Texas Instruments UCD3138128APFC Datasheet HTML 16Page - Texas Instruments UCD3138128APFC Datasheet HTML 17Page - Texas Instruments UCD3138128APFC Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
14
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Characterized by design and not production tested.
(2)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay, which
has no variation associated with it, must be accounted for when calculating the system dynamic response.
7.6 Timing Characteristics
V33A = V33D = V33DIO = 3.0V to 3.6V; 1μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
EADC DAC
t
Settling Time(1)
From 10% to 90%
250
ns
ADC12
ADC single sample conversion time(1)
ADC_SAMPLING_SEL= 0
3.9
μs
ADC single sample conversion time(1)
ADC_SAMPLING_SEL= 7
1..9
μs
SYSTEM PERFORMANCE
Processor master clock (MCLK)
31.25
MHz
tDelay
Digital filter delay(2)
6
MCLKs
f(PCLK)
Internal oscillator frequency
240
250
260
MHz
TWD
Watchdog time out range(1)
Total time is: TWD x (WDCTRL.PERIOD+1)
12.02
13.08
13.65
ms
Time to disable DPWM output based on active
FAULT pin signal(1)
High level on FAULT pin
80
ns
Flash Read
1
MCLKs
Retention period of flash content (data retention
and program)
TJ = 25°C
100
years
Program time to erase one page or block in data
flash or program flash
20
ms
Program time to write one word in program flash
50
µs
Program time to write one word in data flash
40
µs
Sync-in/sync-out pulse width(1)
Sync pin
256
ns
POWER ON RESET AND BROWN OUT (V33A pin, See Figure 9)
tPOR
(1)
Time delay after Power is good or RESET*
relinquished
1
ms
tEXC1
The time it takes from the device to exit a reset
state and begin executing the boot flash.(1)
IRESET goes from a low state to a high state.
This is approximately equivalent to toggling
the external reset pin from low to high state.
0.5
ms
tEXC2
The time it takes from the device to exit a reset
state and begin executing program flash bank 0
(32 kB).(1)
IRESET goes from a low state to a high state.
This is approximately equivalent to toggling
the external reset pin from low to high state.
3
ms
tEXCT
The time it takes from the device to exit a reset
state and begin executing the total program flash
(64 kB).(1)
IRESET goes from a low state to a high state.
This is approximately equivalent to toggling
the external reset pin from low to high state.
6
ms
TEMPERATURE SENSOR(1)
tON
(1)
Turn on time / settling time of sensor
100
μs
ANALOG COMPARATOR
Time to disable DPWM output based on 0 V to
2.5 V step input on the analog comparator.(1)
90
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com