Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFC Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Datasheet(HTML) 20 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 16Page - Texas Instruments UCD3138128APFC Datasheet HTML 17Page - Texas Instruments UCD3138128APFC Datasheet HTML 18Page - Texas Instruments UCD3138128APFC Datasheet HTML 19Page - Texas Instruments UCD3138128APFC Datasheet HTML 20Page - Texas Instruments UCD3138128APFC Datasheet HTML 21Page - Texas Instruments UCD3138128APFC Datasheet HTML 22Page - Texas Instruments UCD3138128APFC Datasheet HTML 23Page - Texas Instruments UCD3138128APFC Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
20
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The UCD3138xA family is a digital power supply controller from Texas Instruments offering superior levels of
integration and performance in a single chip solution. The UCD3138128A, in comparison to Texas Instruments
UCD3138A digital power controller offers 128 kB of program Flash memory. The flexible nature of the
UCD3138xA family makes it suitable for a wide variety of power conversion applications.
In addition, multiple peripherals inside the device have been specifically optimized to enhance the performance
of AC/DC and isolated DC/DC applications and reduce the solution component count in the IT and network
infrastructure space. The UCD3138xA family is a fully programmable solution offering customers complete
control of their application, along with ample ability to differentiate their solution. At the same time, TI is
committed to simplifying our customer’s development effort through offering best in class development tools,
including application firmware, Code Composer Studio™ software development environment, and TI’s Fusion
Power Development GUI which enables customers to configure and monitor key system parameters.
9.1.1 ARM Processor
The ARM7TDMI-S processor is a synthesizable member of the ARM family of general purpose 32-bit
microprocessors. The ARM architecture is based on RISC (Reduced Instruction Set Computer) principles where
two instruction sets are available. The 32-bit ARM instruction set and the 16-bit Thumb instruction set. The
Thumb instructions allow for higher code density equivalent to a 16-bit microprocessor, with the performance of
the 32-bit microprocessor.
The three-staged pipelined ARM processor has fetch, decode and execute stage architecture. Major blocks in
the ARM processor include a 32-bit ALU, 32 x 8 multiplier, and a barrel shifter.
9.1.2 Memory
The UCD3138xA (ARM7TDMI-S) is a Von-Neumann architecture, where a single bus provides access to all of
the memory modules. All of the memory module addresses are sequentially aligned along the same address
range. This applies to program flash, data flash, ROM and all other peripherals.
Within the UCD3138xA family architecture, there is a 1024x32-bit Boot ROM that contains the initial firmware
startup routines for PMBus communication and non-volatile (FLASH) memory download. This boot ROM is
executed after power-up-reset checks if there is a valid FLASH program written. If a valid program is present, the
ROM code branches to the main FLASH-program execution. If there is no valid program, the device waits for a
program download through the PMBus.
The UCD3138xA family also supports customization of the boot program by allowing an alternative boot routine
to be executed from program FLASH. This feature enables assignment of a unique address to each device;
therefore, enabling firmware reprogramming even when several devices are connected on the same
communication bus.
There are three separate flash memory areas present inside the device. There are 4-32 kB program flash blocks
and 1-2 kB data flash area. The 32 kB program areas are organized as 8 k x 32 bit memory blocks and are
intended to be for the firmware programs. The blocks are configured with page erase capability for erasing blocks
as small as 1 kB per page, or with a mass erase for erasing the entire 32 kB array. The flash endurance is
specified at 1000 erase/write cycles and the data retention is good for 100 years. The 2 kB data flash array is
organized as a 512 x 32 bit memory (32 byte page size). The data flash is intended for firmware data value
storage and data logging. Thus, the Data flash is specified as a high endurance memory of 20 k cycles with
embedded error correction code (ECC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com