Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814x Datasheet(PDF) 168 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 168 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 164Page - Texas Instruments TMS320DM814x Datasheet HTML 165Page - Texas Instruments TMS320DM814x Datasheet HTML 166Page - Texas Instruments TMS320DM814x Datasheet HTML 167Page - Texas Instruments TMS320DM814x Datasheet HTML 168Page - Texas Instruments TMS320DM814x Datasheet HTML 169Page - Texas Instruments TMS320DM814x Datasheet HTML 170Page - Texas Instruments TMS320DM814x Datasheet HTML 171Page - Texas Instruments TMS320DM814x Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 4-13. PINCNTLx Registers MUXMODE Functions (continued)
HEX
REGISTER
MUXMODE[7:0] SETTINGS
REGISTER
PIN
ADDRESS
RESET
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
VALUE
0x4814 0B70
PINCNTL221
AD26
0x0004 0000
VOUT[1]_G_Y_YC[9]
EMAC[1]_MTXD[2]
VIN[1]A_D[14]
GP3[13]
0x4814 0B74
PINCNTL222
AG27
0x0004 0000
VOUT[1]_R_CR[4]
EMAC[1]_MTXD[3]
VIN[1]A_D[15]
SPI[3]_SCS[1]
GP3[14]
0x4814 0B78
PINCNTL223
AC26
0x0004 0000
VOUT[1]_R_CR[5]
EMAC[1]_MTXD[4]
VIN[1]A_D[16]
GP3[15]
SPI[3]_SCLK
(M1)
0x4814 0B7C
PINCNTL224
AA25
0x0004 0000
VOUT[1]_R_CR[6]
EMAC[1]_MTXD[5]
VIN[1]A_D[17]
GP3[16]
SPI[3]_D[1]
(M1)
0x4814 0B80
PINCNTL225
V22
0x0004 0000
VOUT[1]_R_CR[7]
EMAC[1]_MTXD[6]
VIN[1]A_D[18]
GP3[17]
SPI[3]_D[0]
(M1)
0x4814 0B84
PINCNTL226
W23
0x0004 0000
VOUT[1]_R_CR[8]
EMAC[1]_MTXD[7]
VIN[1]A_D[19]
GP3[18]
UART5_RXD
(M2)
0x4814 0B88
PINCNTL227
Y24
0x0004 0000
VOUT[1]_R_CR[9]
EMAC[1]_MTXEN
VIN[1]A_D[20]
GP3[19]
UART5_TXD
(M2)
0x4814 0B8C
PINCNTL228
AF27
0x0006 0000
VOUT[1]_G_Y_YC[2]
VIN[1]A_D[21]
SPI[2]_SCS[2]
GP3[20]
GPMC_A[13]
(M1)
HDMI_SCL
(M1)
I2C[2]_SCL
(M2)
0x4814 0B90
PINCNTL229
AG28
0x0006 0000
VOUT[1]_R_CR[3]
VIN[1]A_D[22]
GP3[21]
GPMC_A[14]
(M1)
HDMI_SDA
(M1)
SPI[2]_SCLK
(M1)
I2C[2]_SDA
(M2)
0x4814 0B94
PINCNTL230
AE27
0x0004 0000
VOUT[1]_R_CR[2]
VIN[1]A_D[23]
GP3[22]
GPMC_A[15]
(M1)
HDMI_HPDET
(M1)
SPI[2]_D[1]
(M1)
0x4814 0B98
PINCNTL231
AF28
0x0006 0000
VOUT[1]_B_CB_C[2]
VIN[1]A_D[7]
GPMC_A[0]
(M1)
HDMI_CEC
(M1)
SPI[2]_D[0]
(M1)
GP3[30]
(M1)
0x4814 0B9C
PINCNTL232
J27
0x0004 0000
EMAC_RMREFCLK
TIM2_IO
(M3)
GP1[10]
(M0)
0x4814 0BA0
PINCNTL233
H28
0x000E 0000
MDCLK
GP1[11]
(M0)
0x4814 0BA4
PINCNTL234
P24
0x000E 0000
MDIO
GP1[12]
(M0)
0x4814 0BA8
PINCNTL235
L24
0x000C 0000
EMAC[0]_MTCLK/
VIN[1]B_D[0]
SPI[3]_SCS[3]
GP3[23]
I2C[2]_SDA
(M3)
EMAC[0]_RGRXC
0x4814 0BAC
PINCNTL236
L23
0x000C 0000
EMAC[0]_MCOL/
VIN[1]B_D[1]
EMAC[0]_RMRXD[0]
GP3[24]
EMAC[0]_RGRXCTL
0x4814 0BB0
PINCNTL237
R25
0x000C 0000
EMAC[0]_MCRS/
VIN[1]B_D[2]
EMAC[0]_RMRXD[1]
GP3[25]
EMAC[0]_RGRXD[2]
0x4814 0BB4
PINCNTL238
J26
0x000C 0000
EMAC[0]_MRXER/
VIN[1]B_D[3]
EMAC[0]_RMRXER
GP3[26]
EMAC[0]_RGTXCTL
0x4814 0BB8
PINCNTL239
H27
0x000C 0000
EMAC[0]_MRCLK/
VIN[1]B_D[4]
EMAC[0]_RMCRSDV
SPI[3]_SCS[2]
GP3[27]
EMAC[0]_RGTXC
0x4814 0BBC
PINCNTL240
G28
0x0004 0000
EMAC[0]_MRXD[0]/
VIN[1]B_D[5]
EMAC[0]_RMTXD[0]
GP3[28]
EMAC[0]_RGTXD[0]
0x4814 0BC0
PINCNTL241
P23
0x0004 0000
EMAC[0]_MRXD[1]/
VIN[1]B_D[6]
EMAC[0]_RMTXD[1]
GP3[29]
EMAC[0]_RGRXD[0]
0x4814 0BC4
PINCNTL242
R23
0x0004 0000
EMAC[0]_MRXD[2]/
VIN[1]B_D[7]
EMAC[0]_RMTXEN
GP3[30]
(M0)
EMAC[0]_RGRXD[1]
0x4814 0BC8
PINCNTL243
J25
0x0004 0000
EMAC[0]_MRXD[3]/
GPMC_A[27]
(M1)
GPMC_A[26]
(M1)
GPMC_A[0]
(M0)
UART5_RXD
(M0)
EMAC[1]_RGRXCTL
0x4814 0BCC
PINCNTL244
T23
0x0004 0000
EMAC[0]_MRXD[4]/
GPMC_A[1]
(M0)
UART5_TXD
(M0)
EMAC[0]_RGRXD[3]
0x4814 0BD0
PINCNTL245
H26
0x0004 0000
EMAC[0]_MRXD[5]/
GPMC_A[2]
(M0)
UART5_CTS
(M0)
EMAC[0]_RGTXD[3]
0x4814 0BD4
PINCNTL246
F28
0x0004 0000
EMAC[0]_MRXD[6]/
GPMC_A[3]
(M0)
UART5_RTS
(M0)
EMAC[0]_RGTXD[2]
0x4814 0BD8
PINCNTL247
G27
0x0004 0000
EMAC[0]_MRXD[7]/
SPI[2]_SCS[3]
GPMC_A[4]
(M0)
EMAC[0]_RGTXD[1]
168
Device Configurations
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com