Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814x Datasheet(PDF) 235 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 235 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 231Page - Texas Instruments TMS320DM814x Datasheet HTML 232Page - Texas Instruments TMS320DM814x Datasheet HTML 233Page - Texas Instruments TMS320DM814x Datasheet HTML 234Page - Texas Instruments TMS320DM814x Datasheet HTML 235Page - Texas Instruments TMS320DM814x Datasheet HTML 236Page - Texas Instruments TMS320DM814x Datasheet HTML 237Page - Texas Instruments TMS320DM814x Datasheet HTML 238Page - Texas Instruments TMS320DM814x Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 376 page
background image
t
PLH
t
PHL
A
B
C
A
B
C
EMUx Pins
Buffer
Inputs
1
2
3
Buffers
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-13. Switching Characteristics Over Recommended Operating Conditions for STM Trace
(see Figure 8-8)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
Pulse duration, EMUx high detected at 50% VOH with 60/40 duty
tw(EMUH50)
4(1)
ns
cycle
1
tw(EMUH90)
Pulse duration, EMUx high detected at 90% VOH
3.5
ns
Pulse duration, EMUx low detected at 50% VOH with 60/40 duty
tw(EMUL50)
4(1)
ns
cycle
2
tw(EMUL10)
Pulse duration, EMUx low detected at 10% VOH
3.5
ns
Output skew time, time delay difference between EMUx pins
3
tsko(EMU)
-2
0.5
ns
configured as trace.
Pulse skew, magnitude of difference between high-to-low (tPHL)
tskp(EMU)
1(1)
ns
and low-to-high (tPLH) propagation delays
tsldp_o(EMU)
Output slew rate EMUx
3.3
V/ns
(1)
This parameter applies to the maximum trace export frequency operating in a 40/60 duty cycle.
Figure 8-8. STM Trace Timing
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
235
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com