Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814x Datasheet(PDF) 251 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 251 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 247Page - Texas Instruments TMS320DM814x Datasheet HTML 248Page - Texas Instruments TMS320DM814x Datasheet HTML 249Page - Texas Instruments TMS320DM814x Datasheet HTML 250Page - Texas Instruments TMS320DM814x Datasheet HTML 251Page - Texas Instruments TMS320DM814x Datasheet HTML 252Page - Texas Instruments TMS320DM814x Datasheet HTML 253Page - Texas Instruments TMS320DM814x Datasheet HTML 254Page - Texas Instruments TMS320DM814x Datasheet HTML 255Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.7
General-Purpose Input/Output (GPIO)
The GPIO peripheral provides general-purpose pins that can be configured as either inputs or outputs.
When configured as an output, a write to an internal register controls the state driven on the output pin.
When configured as an input, the state of the input is detectable by reading the state of an internal
register. In addition, the GPIO peripheral can produce CPU interrupts in different interrupt generation
modes. The GPIO peripheral provides generic connections to external devices.
The device contains four GPIO modules and each GPIO module is made up of 32 identical channels.
The device GPIO peripheral supports the following:
•
Up to 128 1.8-V/3.3-V GPIO pins, GP0[0:31], GP1[0:31], GP2[0:31], and GP3[0:31] (the exact number
available varies as a function of the device configuration). Each channel can be configured to be used
in the following applications:
–
Data input/output
–
Keyboard interface with a de-bouncing cell
–
Synchronous interrupt generation (in active mode) upon the detection of external events (signal
transitions and/or signal levels).
•
Synchronous interrupt requests from each channel are processed by four identical interrupt generation
sub-modules to be used independently by the ARM, DSP, or Media Controller. Interrupts can be
triggered by rising and/or falling edge, specified for each interrupt-capable GPIO signal.
•
Shared registers can be accessed through "Set and Clear" protocol. Software writes 1 to
corresponding bit position or positions to set or to clear the GPIO signal. This allows multiple software
processes to toggle GPIO output signals without critical section protection (disable interrupts, program
GPIO, re-enable interrupts, to prevent context switching to another process during GPIO
programming).
•
Separate input/output registers.
•
Output register in addition to set/clear so that, if preferred by software, some GPIO output signals can
be toggled by direct write to the output register.
•
Output register, when read, reflects output drive status. This, in addition to the input register reflecting
pin status and open-drain I/O cell, allows wired logic to be implemented.
For more detailed information on GPIOs, see the General-Purpose I/O (GPIO) Interface chapter of the
TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
8.7.1
GPIO Peripheral Register Descriptions
Table 8-30. GPIO Registers
HEX ADDRESS
GPIO0
GPIO1
GPIO2
GPIO3
ACRONYM
REGISTER NAME
0x4803 2000
0x4804 C000
0x481A C000
0x481A E000
GPIO_REVISION
GPIO Revision
0x4803 2010
0x4804 C010
0x481A C010
0x481A E010
GPIO_SYSCONFIG
System Configuration
0x4803 2020
0x4804 C020
0x481A C020
0x481A E020
GPIO_EOI
End of Interrupt
0x4803 2024
0x4804 C024
0x481A C024
0x481A E024
GPIO_IRQSTATUS
Status Raw for Interrupt 1
_RAW_0
0x4803 2028
0x4804 C028
0x481A C028
0x481A E028
GPIO_IRQSTATUS
Status Raw for Interrupt 2
_RAW_1
0x4803 202C
0x4804 C02C
0x481A C02C
0x481A E02C
GPIO_IRQSTATUS
Status for Interrupt 1
_0
0x4803 2030
0x4804 C030
0x481A C030
0x481A E030
GPIO_IRQSTATUS
Status for Interrupt 2
_1
0x4803 2034
0x4804 C034
0x481A C034
0x481A E034
GPIO_IRQSTATUS
Enable Set for Interrupt 1
_SET_0
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
251
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com