Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 12Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 13Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 14Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 15Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 16Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 17Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 18Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 19Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Introduction
6
June 2001 -- Revised December 2002
SPRS180C
Table 2--1.
Pin Assignments for the GHK Package (Continued)
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
F19
DATA26
F18
DATA27
G15
VSS
F17
DATA28
E19
DATA29
F14
DATA30
E18
DATA31
F15
DVDD
E17
BDX0
D19
BFSX0
D18
BCLKX0
C19
BDR0
D17
VSS
C18
BCLKR0
B19
BFSR0
C17
BDR1
B18
BFSR1
A18
BCLKR1
C16
BFSX1
B17
BCLKX1
A17
BDX1
B16
DSP_A00
A16
DSP_A01
C15
DSP_A02
E14
DVDD
F13
VSS
B15
DSP_A03
A15
DSP_A04
C14
DSP_A05
B14
DSP_A06
E13
DSP_A07
A14
DSP_A08
F12
VSS
C13
DSP_A09
B13
DSP_A10
A13
DSP_A11
E12
DVDD
C12
DSP_A12
B12
DSP_A13
A12
DSP_A14
A11
DSP_A15
B11
DSP_A16
C11
VSS
E11
DSP_A17
F11
DSP_A18
A10
DSP_A19
B10
CVDD
C10
DSP_D00
E10
DVDD
F10
DSP_D01
A9
DSP_D02
B9
DSP_D03
C9
VSS
F9
DSP_D04
E9
DSP_D05
A8
DSP_D06
B8
DSP_D07
C8
DVDD
F8
DSP_D08
E8
DSP_D09
A7
DSP_D10
B7
DSP_D11
C7
VSS
F7
DSP_D12
A6
DSP_D13
B6
DSP_D14
E7
DVDD
C6
DSP_D15
A5
CVDD
F6
DSP_MSTRB
B5
DSP_DS
E6
VSS
C5
DSP_INT0
A4
DSP_IOSTRB
B4
DSP_IS
A3
DSP_PS
C4
DVDD
B3
DSP_READY
A2
DSP_R/W
C3
VSS
E5
N/C
NOTE: DVDD is the 3.3 V power supply for the I/O pins while CVDD is the 1.8 V power supply for the core CPU. VSS is the ground for both the
I/O pins and the core CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com