Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 75 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 71Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 72Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 73Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 74Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 75Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 76Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 77Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 78Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
Electrical Specifications
65
June 2001 -- Revised December 2002
SPRS180C
Table 6--17. McBSP Receive and Transmit Switching Characteristics
PARAMETER
MIN
MAX
UNIT
tc(BCKRX)
Cycle time, BCLK_R/X
BCLK_R/X int
4H
ns
tw(BCKRXH)
Pulse duration, BCLK_R/X high
BCLK_R/X int
D--6†
D+1†
ns
tw(BCKRXL)
Pulse duration, BCLK_R/X low
BCLK_R/X int
C--6†
C+1†
ns
td(BCKRH-BFRV)
Delay time, BCLKR high to internal BFSR valid
BCLKR int
--1
8
ns
t
D l
ti
BCLKX hi h t i t
l BFSX
lid
BCLKX int
1
9
td(BCKXH-BFXV)
Delay time, BCLKX high to internal BFSX valid
BCLKX ext
4
15
ns
t
Di bl ti
BCLKX hi h t BDX hi h i
d
f ll
i
l t d t bit
BCLKX int
--1
8
tdis(BCKXH-BDXHZ)
Disable time, BCLKX high to BDX high impedance following last data bit
BCLKX ext
4
16
ns
Delay time, BCLKX hightoBDX valid. This applies to all bits exceptthe first BCLKX int
0
7
Delay time, BCLKX high to BDX valid. This applies to all bits except the first
bit transmitted.
BCLKX ext
4
16
td(BCKXH-BDXV)
Delay time, BCLKX high to BDX valid.‡§
Only applies to first bit transmitted when in Data Delay 1 or 2
BCLKX int
7
ns
Only applies to first bit transmitted when in Data Delay 1 or 2
(XDATDLY=01b or 10b) modes
BCLKX ext
16
t
Enable time, BCLKX high to BDX driven.‡§
Only applies to first bit transmitted when Data
Delay 1 or 2
BCLKX int
--4
ten(BCKXH-BDX)
Only applies to first bit transmitted when Data
Delay 1 or 2
(XDATDLY=01b or 10b) modes
BCLKX ext
2
ns
t
Delay time, BFSX high to BDX valid.‡§
Only applies to first bit transmitted when Data Delay 0 (XDATDLY 00b)
BFSX int
3
td(BFXH-BDXV)
Only applies to first bit transmitted when Data Delay 0 (XDATDLY=00b)
mode.
BFSX ext
14
ns
t
Enable time, BFSX high to BDX driven.‡§
Only applies to first bit transmitted when in Data Delay 0 (XDATDLY 00b)
BFSX int
--1
ten(BFXH-BDX)
Only applies to first bit transmitted when in Data Delay 0 (XDATDLY=00b)
mode
BFSX ext
2
ns
† T = BCLKR/X period = (1 + CLKGDV) * 2H
C = BCLKR/X low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * 2H when CLKGDV is even
D = BCLKR/X high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * 2H when CLKGDV is even
‡ See the TMS320C54x DSP Reference Set, Volume 5: Enhanced Peripherals (literature number SPRU302) for a description of the data delay
features of the McBSP.
§ The transmit delay enable (DXENA) and A-bis mode (ABIS) features of the McBSP are not implemented on the TMS320VC5471.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com