Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 77Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 78Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 79Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 80Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 81Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 82Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 83Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 84Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
Electrical Specifications
71
June 2001 -- Revised December 2002
SPRS180C
High inactive state with delay; the McBSP transmits data one-half cycle ahead of the falling edge of BCLKX
and receives data on the falling edge of BCLKR.
Table 6--26 and Table 6--27 assume testing over recommended operating conditions, CLKSTP = 11b,
CLKXP = 1, and H = 0.5tc(CO) (see Figure 6--22).
NOTE: For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting
CLKSM = CLKGDV = 1.
Table 6--26. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b and CLKXP = 1)
MASTER
SLAVE
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(BDRV-BCKXL)
Setup time, BDR valid before BCLKX low
12
-- 12H
ns
th(BCKXL-BDRV)
Hold time, BDR valid after BCLKX low
0
12H + 5
ns
tsu(BFXL-BCKXL)
Setup time, BFSX low before BCLKX low
10
ns
tc(BCKX)
Cycle time, BCLKX
12H
32H
ns
Table 6--27. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 11b and CLKXP = 1)
PARAMETER
MASTER†
SLAVE
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
th(BCKXH-BFXL)
Hold time, BFSX low after BCLKX high‡
T-- 6
T+6
ns
td(BFXL-BCKXL)
Delay time, BFSX low to BCLKX low§
C-- 6
C+ 6
ns
td(BCKXH-BDXV)
Delay time, BCLKX high to BDX valid
-- 3
7
6H + 5 10H + 14
ns
tdis(BCKXH-BDXHZ)
Disable time, BDX high impedance following last data bit from
BCLKX high
-- 2
4
6H + 3 10H + 17
ns
td(BFXL-BDXV)
Delay time, BFSX low to BDX valid
C-- 6
C+ 6
4H -- 2
8H + 17
ns
† T = BCLKX period = (1 + CLKGDV) * 2H
C = BCLKX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * 2H when CLKGDV is even
D = BCLKX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * 2H when CLKGDV is even
‡ FSRP = FSXP = 1. As a SPI master, BFSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on BFSX
and BFSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
§ BFSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(BCLKX).
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
BCLKX
BFSX
BDX
BDR
td(BFXL-BCKXL)
tsu(BDRV-BCKXL)
tdis(BCKXH-BDXHZ)
th(BCKXH-BFXL)
td(BCKXH-BDXV)
th(BCKXL-BDRV)
td(BFXL-BDXV)
LSB
MSB
tsu(BFXL-BCKXL)
tc(BCKX)
Figure 6--22. McBSP Timing as SPI Master or Slave: CLKSTP = 11b, CLKXP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com