Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 66 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 62Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 63Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 64Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 65Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 66Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 67Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 68Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 69Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
Electrical Specifications
56
June 2001 -- Revised December 2002
SPRS180C
6.6.3 Parallel I/O Port Read Timing Requirements
Table 6--9 and Table 6--10 assume testing over recommended operating conditions with DSP_IOSTRB =0
and H = 0.5tc(CO) (see Figure 6--6).
Table 6--9. Parallel I/O Port Read Timing Requirements†
MIN
MAX
UNIT
ta(A)IO
Access time, read data access from address valid‡
3H--15
ns
ta(ISTRBL)IO
Access time, read data access from DSP_IOSTRB low‡
2H--15
ns
tsu(D)IOR
Setup time, read data before DSP_CLKOUT high
4
ns
th(D)IOR
Hold time, read data after DSP_CLKOUT high
0
ns
th(ISTRBH-D)R
Hold time, read data after DSP_IOSTRB high
0
ns
† Address and DSP_IS timings are included in timings referenced as address.
‡ This access timing reflects a zero wait-state timing.
Table 6--10. Parallel I/O Port Read Switching Characteristics†
PARAMETER
MIN
MAX
UNIT
td(CLKL-A)
Delay time, DSP_CLKOUT low to address valid
1.5
11.5
ns
td(CLKH-ISTRBL)
Delay time, DSP_CLKOUT high to DSP_IOSTRB low
1.5
11.5
ns
td(CLKH-ISTRBH)
Delay time, DSP_CLKOUT high to DSP_IOSTRB high
1.5
11.5
ns
th(A)IOR
Hold time, address after DSP_CLKOUT low
1.5
11.5
ns
† Address and DSP_IS timings are included in timings referenced as address.
DSP_IS
DSP_R/W
DSP_IOSTRB
DSP_D[15:0]
DSP_A[19:0]
DSP_CLKOUT
th(A)IOR
td(CLKH-ISTRBH)
th(D)IOR
tsu(D)IOR
ta(A)IO
td(CLKH-ISTRBL)
td(CLKL-A)
ta(ISTRBL)IO
th(ISTRBH-D)R
Figure 6--6. Parallel I/O Port Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com