Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 43Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 44Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 46Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 47Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 48Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 49Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
MCU Subsystem Functional Overview
36
June 2001 -- Revised December 2002
SPRS180C
UART/IrDA Mode
In the UART/IrDA mode, an Infrared Data Association (IrDA) protocol encoder/decoder manages the RXIR
and TXIR signals to an IrDA transceiver. It includes the slow infrared (SIR) protocol in order to be connected
with an infrared transmitter to any external data peripherals with an IrDA compliant data interface.
The UART/IrDA provides three external pin signals (multiplexed with GPIO pins):
•
GPIO07/TX_IRDA/TXIR_IRDA: Output – transmit data
•
GPIO08/RX_IRDA/RXIR_IRDA: Input – receive data
•
GPIO06/CLK16X_IRDA/SD_IRDA: Output – shut down the IR transceiver
UART/IrDA IrDA mode features:
•
IrDA 1.0 SIR support allows serial communication at baud rates up to 115.2 Kbits/s.
•
Sending a single infrared pulse signals a zero. A one is signaled by not sending any pulse. The width of
the pulse can be either 1.6 μs or 3/16th of a single bit time.
•
In IrDA 1.0 SIR mode, the device operation is similar to the operation in UART mode. However, the data
transfer operations are normally performed in half-duplex. The modem control and status signals are not
used.
•
Frame formatting: addition of variable xBOF characters and EOF characters
•
Uplink/downlink CRC generation/detection
•
Asynchronous transparency (automatic insertion of break character)
•
Eight characters status FIFO available to monitor frame length and frame errors
•
Variable frame length for RX and TX IrDA frame.
The format of the serial data is similar to the UART/modem data format. Each data word is sent with a zero
value start bit, followed by 8 data bits, and ending with at least one stop bit with a binary value of one.
In SIR mode, data transfer takes place between MCU and peripheral devices at speeds up to 115200 bits/s.
A SIR transmit frame consists of start flags (either a single C0h, multiple C0hs, or a single C0h preceded by
a number of FFh flags), followed by frame data supplied by the MCU, then a CRC-16 word, and a terminating
stop flag (C1h). The transmit state machine attaches start flags, CRC-16, and stop flags to the transmit data
provided by the MCU. If necessary, it also applies SIR data transparency.
NOTE: BLR[4] is used to select whether C0h or FFh start patterns are to be used when
multiple start flags are required.
SIR transparency is carried out if the outgoing data (between the start and stop flags) contains C0h, C1h,
or 7Dh. If one of these characters is about to be transmitted, then the SIR state machine sends an escape
character (7Dh) first, then inverts the fifth bit of the real data to be sent, and sends this data immediately after
the 7Dh character.
The SIR receiver state machine recovers the receive clock, removes the start flags, removes any
transparency from the incoming data, and determines frame boundary with reception of the stop flag. It also
checks for errors such as: frame abort (7Dh character followed immediately by a C1h stop flag, without
transparency), CRC error, and frame-length error. Once a frame is received, the state machine generates an
interrupt to the MCU. The MCU reads the LSR (status register) to check for receive errors, and processes
any valid receive data.
Note that the UART/IrDA is capable of operating in full-duplex, but that the SIR standard disallows full-duplex
operation.
The infrared output in SIR mode can implement either 1.6 μs or 3/16-bit encoding, which is selected by
ACREG[7]. In 1.6-μs encoding, the infrared pulse width is 1.6 μs. In 3/16-encoding, the infrared pulse width
is 3/16th of a bit duration (1/baud-rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com