Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 89 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 85Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 86Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 87Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 88Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 89Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 90Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 91Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 92Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
Electrical Specifications
79
June 2001 -- Revised December 2002
SPRS180C
Table 6--34. MII Timing Requirements (Transmit)
MIN
MAX
UNIT
td(RCLKH-TXD)
Delay time, RCLK high to TXD valid
1/1
30/30
6
td(RCLKH-TXER)
Delay time, RCLK high to TXER valid
1/1
30/30
ns
6
td(RCLKH-TXEN)
Delay time, RCLK high to TXEN valid
1/1
30/30
ns
th(RCLKH-TXD)
Hold time, TXD valid before RCLK high
0/0
25/25
7
th(RCLKH-TXER)
Hold time, TXER valid before RCLK high
0/0
25/25
ns
th(RCLKH-TXEN)
Hold time, TXEN valid before RCLK high
0/0
25/25
TCLK
TXD[3:0],
TXER,
TXEN
6
7
Figure 6--34. MII Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com