Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 24Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 25Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 26Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 27Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 28Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 29Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 30Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 31Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
DSP Subsystem Functional Overview
18
June 2001 -- Revised December 2002
SPRS180C
This lists the 5471 DSP subsystem peripheral registers and describes those that are specific to the 5471 or
are different from the standard C54x registers. The standard C54x registers are defined in the
TMS320VC5409 Fixed-Point Digital Signal Processor data sheet (literature number SPRS082) and the
TMS320VC5402 Fixed-Point Digital Signal Processor data sheet (literature number SPRS079). The DSP
subsystem peripheral mapping is shown in Table 3--2.
Table 3--2. Peripheral Memory-Mapped Registers
NAME
ADDRESS
DESCRIPTION
TYPE
DRR20
20h
Data receive register 2
McBSP #0
DRR10
21h
Data receive register 1
McBSP #0
DXR20
22h
Data transmit register 2
McBSP #0
DXR10
23h
Data transmit register 1
McBSP #0
TIM
24h
Timer register
Timer
PRD
25h
Timer period counter
Timer
TCR
26h
Timer control register
Timer
–
27h
Reserved
SWWSR
28h
Software wait-state register
External Bus
BSCR
29h
Bank-switching control register
External Bus, API
–
2Ah
Reserved
SWCR
2Bh
Software wait-state control register
External Bus
–
2Ch--37h
Reserved
SPSA0
38h
McBSP0 subbank address register
McBSP #0
SPSD0
39h
McBSP0 subbank data register
McBSP #0
–
3Ah--3Bh
Reserved
GPIOCR
3C
General-purpose I/O pins control register
GPIO
GPIOSR
3D
General-purpose I/O pins status register
GPIO
–
3E--3F
Reserved
DRR21
40h
Data receive register 2
McBSP #1
DRR11
41h
Data receive register 1
McBSP #1
DXR21
42h
Data transmit register 2
McBSP #1
DXR11
43h
Data transmit register 1
McBSP #1
–
44h--47h
Reserved
SPSA1
48h
McBSP1 subbank address register
McBSP #1
SPSD1
49h
McBSP1 subbank data register
McBSP #1
–
4Ah--53h
Reserved
DMPREC
54h
DMA channel priority and enable control register
DMA
DMSA
55h
DMA subbank address register
DMA
DMSDI
56h
DMA subbank data register with autoincrement
DMA
DMSDN
57h
DMA subbank data register
DMA
CLKMD
58h
Clock mode register
PLL
–
59h--5Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com