Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16311-E/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP16311-E/MS
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311-E/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP16311-E/MS Datasheet HTML 18Page - Microchip Technology MCP16311-E/MS Datasheet HTML 19Page - Microchip Technology MCP16311-E/MS Datasheet HTML 20Page - Microchip Technology MCP16311-E/MS Datasheet HTML 21Page - Microchip Technology MCP16311-E/MS Datasheet HTML 22Page - Microchip Technology MCP16311-E/MS Datasheet HTML 23Page - Microchip Technology MCP16311-E/MS Datasheet HTML 24Page - Microchip Technology MCP16311-E/MS Datasheet HTML 25Page - Microchip Technology MCP16311-E/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MCP16311/2
DS20005255B-page 22
 2013-2014 Microchip Technology Inc.
The difference between the first term, input power, and
the second term, power delivered, is the total system
power dissipation. The inductor losses are estimated
by PL =IOUT2 xLDCR.
EXAMPLE 5-6:
POWER DISSIPATION –
MCP16311/2 MSOP
PACKAGE
EXAMPLE 5-7:
POWER DISSIPATION –
MCP16311/2 DFN
PACKAGE
VIN =12V
VOUT =5.0V
IOUT =0.8A
Efficiency = 92.5%
Total System Dissipation = 324 mW
LDCR =0.15 
PL =96 mW
MCP16311/2
internal power dissipation estimate:
PDIS –PL =228 mW
JA =211°C/W
Estimated Junction
Temperature Rise
= +48.1°C
VIN =12V
VOUT =3.3V
IOUT =0.8A
Efficiency = 90%
Total System Dissipation = 293 mW
LDCR =0.15 
PL =96 mW
MCP16311
internal power dissipation estimate:
PDIS –PL =197 mW
JA =68°C/W
Estimated Junction
Temperature Rise
= +13.4°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com