Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16311-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP16311-E/MS
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP16311-E/MS Datasheet HTML 15Page - Microchip Technology MCP16311-E/MS Datasheet HTML 16Page - Microchip Technology MCP16311-E/MS Datasheet HTML 17Page - Microchip Technology MCP16311-E/MS Datasheet HTML 18Page - Microchip Technology MCP16311-E/MS Datasheet HTML 19Page - Microchip Technology MCP16311-E/MS Datasheet HTML 20Page - Microchip Technology MCP16311-E/MS Datasheet HTML 21Page - Microchip Technology MCP16311-E/MS Datasheet HTML 22Page - Microchip Technology MCP16311-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2013-2014 Microchip Technology Inc.
DS20005255B-page 19
MCP16311/2
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP16311/2 synchronous step-down converter
operates over a wide input range, up to 30V maximum.
Typical applications include generating a bias or VDD
voltage for PIC® microcontrollers, digital control system
bias supply for AC-DC converters and 12V industrial
input and similar applications.
5.2
Adjustable Output Voltage
Calculations
To calculate the resistor divider values for the
MCP16311/2 adjustable version, use Equation 5-1.
RTOP is connected to VOUT, RBOT is connected to
AGND, and both are connected to the VFB input pin.
EQUATION 5-1:
RESISTOR DIVIDER
CALCULATION
EXAMPLE 5-1:
3.3V RESISTOR DIVIDER
EXAMPLE 5-2:
5.0V RESISTOR DIVIDER
EXAMPLE 5-3:
12.0V RESISTOR DIVIDER
The error amplifier is internally compensated to ensure
loop stability. External resistor dividers, inductance and
output capacitance all have an impact on the control
system and should be selected carefully and evaluated
for stability. A 10 kΩ bottom resistor is recommended as a
good trade-off for quiescent current and noise immunity.
5.3
General Design Equations
The step-down converter duty cycle can be estimated
using Equation 5-2 while operating in Continuous
Inductor Current mode. This equation accounts for the
forward drop of the two internal N-Channel MOSFETS.
As load current increases, the voltage drop in both
internal switches will increase, requiring a larger PWM
duty cycle to maintain the output voltage regulation.
Switch voltage drop is estimated by multiplying the
switch current times the switch resistance or RDSON.
EQUATION 5-2:
CONTINUOUS INDUCTOR
CURRENT DUTY CYCLE
The MCP16311/2 device features an integrated slope
compensation to prevent bimodal operation of the
PWM duty cycle. Internally, half of the inductor current
down slope is summed with the internal current sense
signal. For the proper amount of slope compensation,
it is recommended to keep the inductor down-slope
current constant by varying the inductance with VOUT,
where K = 0.22 V/µH.
EQUATION 5-3:
For example, for VOUT = 3.3V, an inductance of 15 µH
is recommended.
VOUT =3.3V
VFB =0.8V
RBOT =10 k
RTOP =31.25 k (standard value = 31.6 k)
VOUT = 3.328V (using standard value)
VOUT =5.0V
VFB =0.8V
RBOT =10 k
RTOP =52.5 k (standard value = 52.3 k)
VOUT = 4.984V (using standard values)
VOUT =12.0V
VFB =0.8V
RBOT =10 k
RTOP =140 k (standard value = 140 k)
R
TOP
R
BOT
V
OUT
V
FB
-------------1
–


=
TABLE 5-1:
RECOMMENDED INDUCTOR
VALUES
VOUT
KLSTANDARD
2.0V
0.20
10 µH
3.3V
0.22
15 µH
5.0V
0.23
22 µH
12V
0.21
56 µH
15V
0.22
68 µH
24V
0.24
100 µH
D
V
OUT
I
LSW
R
DSONL

+
V
IN
I
HSW
R
DSONH

–
-------------------------------------------------------------
=
KV
OUT L
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com