Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16311-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP16311-E/MS
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP16311-E/MS Datasheet HTML 13Page - Microchip Technology MCP16311-E/MS Datasheet HTML 14Page - Microchip Technology MCP16311-E/MS Datasheet HTML 15Page - Microchip Technology MCP16311-E/MS Datasheet HTML 16Page - Microchip Technology MCP16311-E/MS Datasheet HTML 17Page - Microchip Technology MCP16311-E/MS Datasheet HTML 18Page - Microchip Technology MCP16311-E/MS Datasheet HTML 19Page - Microchip Technology MCP16311-E/MS Datasheet HTML 20Page - Microchip Technology MCP16311-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2013-2014 Microchip Technology Inc.
DS20005255B-page 17
MCP16311/2
4.2.5
HIGH-SIDE DRIVE
The MCP16311/2 features an integrated high-side
N-Channel MOSFET for high-efficiency step-down
power conversion. An N-Channel MOSFET is used for
its low resistance and size (instead of a P-Channel
MOSFET). The N-Channel MOSFET gate must be
driven above its source to fully turn on the device, result-
ing in a gate-drive voltage above the input to turn on the
high-side N-Channel. The high-side N-channel source
is connected to the inductor and boost cap or switch
node. When the high-side switch is off and the low-side
switch is on, the inductor current flows through the low-
side switch, providing a path to recharge the boost cap
from the boost voltage source. The voltage for the boost
cap is supplied from the internal regulator (VCC). An
internal boost blocking diode is used to prevent current
flow from the boost cap back into the regulator during
the internal switch-on time. If the boost voltage
decreases significantly, the low side will be forced low
for 90 ns in order to charge the boost capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com