Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16311-E/MS Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP16311-E/MS
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311-E/MS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP16311-E/MS Datasheet HTML 5Page - Microchip Technology MCP16311-E/MS Datasheet HTML 6Page - Microchip Technology MCP16311-E/MS Datasheet HTML 7Page - Microchip Technology MCP16311-E/MS Datasheet HTML 8Page - Microchip Technology MCP16311-E/MS Datasheet HTML 9Page - Microchip Technology MCP16311-E/MS Datasheet HTML 10Page - Microchip Technology MCP16311-E/MS Datasheet HTML 11Page - Microchip Technology MCP16311-E/MS Datasheet HTML 12Page - Microchip Technology MCP16311-E/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2013-2014 Microchip Technology Inc.
DS20005255B-page 9
MCP16311/2
Note:
Unless otherwise indicated, VIN =EN= 7V, COUT =CIN =2 x 10 µF, L =22 µH, VOUT =5.0V, ILOAD =100 mA,
TA =+25°C, 8L-MSOP package.
FIGURE 2-25:
Line Transient Response.
FIGURE 2-26:
PFM Light Load Switching
Waveforms.
FIGURE 2-27:
PWM Light Load Switching
Waveforms.
FIGURE 2-28:
Heavy Load Switching
Waveforms.
FIGURE 2-29:
PFM to PWM Transition;
Load Step from 5 mA to 100 mA.
VOUT
50 mV/div
VIN
5 V/div
400 µs/div
AC Coupled
VIN Step from 7V to 12V
VOUT
100 mV/div
IL
200 mA/div
20 µs/div
VIN = 24V
SW
10 V/div
IOUT = 25 mA
AC Coupled
VOUT
10 mV/div
IL
100 mA/div
1µs/div
VIN = 24V
SW
10 V/div
IOUT = 15 mA
AC Coupled
VOUT
50 mV/div
IL
200 mA/div
2µs/div
VIN = 12V
SW
10 V/div
VOUT = 5V
IOUT = 800 mA
AC Coupled
VOUT
100 mV/div
Load Current
50 mA/div
400 µs/div
VIN = 12V
SW
5 V/div
VOUT = 5V
AC Coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com