Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16311-E/MS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP16311-E/MS
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311-E/MS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP16311-E/MS Datasheet HTML 19Page - Microchip Technology MCP16311-E/MS Datasheet HTML 20Page - Microchip Technology MCP16311-E/MS Datasheet HTML 21Page - Microchip Technology MCP16311-E/MS Datasheet HTML 22Page - Microchip Technology MCP16311-E/MS Datasheet HTML 23Page - Microchip Technology MCP16311-E/MS Datasheet HTML 24Page - Microchip Technology MCP16311-E/MS Datasheet HTML 25Page - Microchip Technology MCP16311-E/MS Datasheet HTML 26Page - Microchip Technology MCP16311-E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
 2013-2014 Microchip Technology Inc.
DS20005255B-page 23
MCP16311/2
5.11
Printed Circuit Board (PCB)
Layout Information
Good PCB layout techniques are important to any
switching circuitry, and switching power supplies are no
different. When wiring the switching high-current paths,
short and wide traces should be used. Therefore, it is
important that the input and output capacitors be
placed as close as possible to the MCP16311/2 to
minimize the loop area.
The feedback resistors and feedback signal should be
routed away from the switching node and the switching
current loop. When possible, ground planes and traces
should be used to help shield the feedback signal and
minimize noise and magnetic interference.
A good MCP16311/2 layout starts with the placement of
the input capacitor, which supplies current to the input
of the circuit when the switch is turned on. In addition to
supplying high-frequency switch current, the input
capacitor also provides a stable voltage source for the
internal MCP16311/2 circuitry. Unstable PWM opera-
tion can result if there are excessive transients or ring-
ing on the VIN pin of the MCP16311/2 device. In
Figure 5-1, the input capacitors are placed close to the
VIN pins. A ground plane on the bottom of the board
provides a low-resistive and low-inductive path for the
return current. The next priority in placement is the
freewheeling current loop formed by output capacitors
and inductance (L1), while strategically placing the out-
put capacitor ground return close to the input capacitor
ground return. Then, CBOOST should be placed
between the boost pin and the switch node pin. This
leaves space close to the MCP16311/2 VFB pin to place
RTOP and RBOT. The feedback loop must be routed
away from the switch node, so noise is not coupled into
the high-impedance VFB input.
FIGURE 5-1:
MSOP-8 Recommended Layout, 5V Output Design.
VIN
GND
VFB
SW
VIN
12V
VOUT
5V @ 1A
COUT
CIN
VCC
CVCC
L1
CBOOST
BOOST
RT
RB
REN
Component
Value
CIN
2 x 10 µF
COUT
2 x 10 µF
L1
22 µH
RT
52.3 k
RB
10 k
REN
1M
CVCC
1µF
CBOOST
0.1 µF
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com