Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16311-E/MS Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP16311-E/MS
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311-E/MS Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP16311-E/MS Datasheet HTML 3Page - Microchip Technology MCP16311-E/MS Datasheet HTML 4Page - Microchip Technology MCP16311-E/MS Datasheet HTML 5Page - Microchip Technology MCP16311-E/MS Datasheet HTML 6Page - Microchip Technology MCP16311-E/MS Datasheet HTML 7Page - Microchip Technology MCP16311-E/MS Datasheet HTML 8Page - Microchip Technology MCP16311-E/MS Datasheet HTML 9Page - Microchip Technology MCP16311-E/MS Datasheet HTML 10Page - Microchip Technology MCP16311-E/MS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
 2013-2014 Microchip Technology Inc.
DS20005255B-page 7
MCP16311/2
Note:
Unless otherwise indicated, VIN =EN= 7V, COUT =CIN =2 x 10 µF, L =22 µH, VOUT =5.0V, ILOAD =100 mA,
TA =+25°C, 8L-MSOP package.
FIGURE 2-13:
Input Quiescent Current vs.
Temperature.
FIGURE 2-14:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-15:
PFM No Load Input Current
vs. Input Voltage, MCP16311.
FIGURE 2-16:
PWM No Load Input Current
vs.VIN, MCP16312.
FIGURE 2-17:
PFM/PWM IOUT Threshold
vs. VIN.
FIGURE 2-18:
Skipping/PWM IOUT
Threshold vs. Input Voltage.
0
20
40
60
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
Non-Swithcing
Shutdown
V
IN = 12V
V
OUT = 5V
0
10
20
30
40
50
5
1015202530
Input Voltage (°C)
Non-Switching
Shutdown
V
OUT = 3.3V
40
60
80
100
120
5
1015202530
Input Voltage (V)
V
OUT = 3.3V
1
1.2
1.4
1.6
1.8
5
1015202530
V
IN (V)
V
OUT = 3.3V
0
25
50
75
100
125
150
5
1015202530
V
IN (V)
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 12V
0
10
20
30
40
50
5
1015202530
V
IN (V)
V
OUT = 5V
V
OUT = 3.3V
V
OUT = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com