Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16311-E/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP16311-E/MS
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311-E/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP16311-E/MS Datasheet HTML 1Page - Microchip Technology MCP16311-E/MS Datasheet HTML 2Page - Microchip Technology MCP16311-E/MS Datasheet HTML 3Page - Microchip Technology MCP16311-E/MS Datasheet HTML 4Page - Microchip Technology MCP16311-E/MS Datasheet HTML 5Page - Microchip Technology MCP16311-E/MS Datasheet HTML 6Page - Microchip Technology MCP16311-E/MS Datasheet HTML 7Page - Microchip Technology MCP16311-E/MS Datasheet HTML 8Page - Microchip Technology MCP16311-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2013-2014 Microchip Technology Inc.
DS20005255B-page 1
MCP16311/2
Features
• Up to 95% Efficiency
• Input Voltage Range: 4.4V to 30V
• 1A Output Current Capability
• Output Voltage Range: 2.0V to 24V
• Qualification: AEC-Q100 Rev. G, Grade 1 (-40°C
to 125°C)
• Integrated N-Channel High-Side and Low-Side
Switches:
-170 m
, Low Side
-300 m
, High Side
• Stable Reference Voltage: 0.8V
• Automatic Pulse Frequency Modulation/Pulse-
Width Modulation (PFM/PWM) Operation
(MCP16311):
- PFM Operation Disabled (MCP16312)
- PWM Operation: 500 kHz
• Low Device Shutdown Current: 3 µA typical
• Low Device Quiescent Current:
- 44 µA (non-switching, PFM Mode)
• Internal Compensation
• Internal Soft-Start: 300 µs (EN low-to-high)
• Peak Current Mode Control
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO):
- 4.1V typical to start
- 3.6V typical to stop
• Overtemperature Protection
• Thermal Shutdown:
- +150°C
- +25°C Hysteresis
Applications
•PIC®/dsPIC® Microcontroller Bias Supply
• 24V Industrial Input DC-DC Conversion
• General Purpose DC-DC Conversion
• Local Point of Load Regulation
• Automotive Battery Regulation
• Set-Top Boxes
• Cable Modems
• Wall Transformer Regulation
• Laptop Computers
• Networking Systems
• AC-DC Digital Control Bias
• Distributed Power Supplies
General Description
The MCP16311/2 is a compact, high-efficiency, fixed
frequency, synchronous step-down DC-DC converter in
an 8-pin MSOP, or 2 x 3 TDFN package that operates
from input voltage sources up to 30V. Integrated
features include a high-side and a low-side switch, fixed
frequency peak current mode control, internal
compensation, peak current limit and overtemperature
protection. The MCP16311/2 provides all the active
functions for local DC-DC conversion, with fast transient
response and accurate regulation.
High converter efficiency is achieved by integrating the
current-limited, low-resistance, high-speed high-side
and low-side switches and associated drive circuitry.
The MCP16311 is capable of running in PWM/PFM
mode. It switches in PFM mode for light load
conditions and for large buck conversion ratios. This
results in a higher efficiency over all load ranges. The
MCP16312 runs in PWM-only mode, and is
recommended for noise-sensitive applications.
The MCP16311/2 can supply up to 1A of continuous
current while regulating the output voltage from 2V to
12V. An integrated, high-performance peak current
mode architecture keeps the output voltage tightly
regulated, even during input voltage steps and output
current transient conditions common in power systems.
The EN input is used to turn the device on and off.
While off, only a few micro amps of current are
consumed from the input.
Output voltage is set with an external resistor divider.
The MCP16311/2 is offered in small MSOP-8 and 2 x 3
TDFN surface mount packages.
Package Type
EN
VCC
VIN
BOOST
SW
1
2
3
4
8
7
6
5 PGND
VFB
EP
9
AGND
5
1
2
3
AGND
SW
EN
VIN
VFB
MCP16311/2
MSOP
8
7
6
BOOST
4
PGND
VCC
MCP16311/2
2x3 TDFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
30V Input, 1A Output, High-Efficiency,
Integrated Synchronous Switch Step-Down Regulator


Similar Part No. - MCP16311-E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16311-E/MS MICROCHIP-MCP16311-E/MS Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
More results

Similar Description - MCP16311-E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301 Datasheet
974Kb / 38P
High Voltage Input Integrated Switch Step-Down Regulator
2011
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
logo
Silergy Corp.
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
logo
Fitipower Integrated Te...
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1488B HMSEMI-HM1488B Datasheet
1Mb / 13P
High Efficiency Fast Response.5A, 30V Input Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
ACE7330N ACE-ACE7330N Datasheet
341Kb / 4P
High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
MCP16311 MICROCHIP-MCP16311_V01 Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com