Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9887TS/V4 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TDA9887TS/V4
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9887TS/V4 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 44Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 45Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 46Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 47Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 48Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 49Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 50Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 51Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
2004 Aug 25
48
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
handbook, full pagewidth
video 2 V (p-p)
0.66
× 10−3
0.66
× 10−5
MHC150
20
40
60
80
100
antenna input
(dB
µV)
120
140
10
VHF/UHF tuner
VIF
VIF amplifier, demodulator
and video
tuner
SAW filter
TDA9887
IF signals
RMS value
(V)
10−1
10−2 (TOP)
10−3
10−4
10−5
1
10
(1)
SAW insertion
loss 20 dB
SAW insertion
loss 20 dB
tuning gain
control range
40 dB
RF gain
70 dB
VIF AGC
IF slip
6 dB
Fig.24 Front-end level diagram.
(1) Depends on TOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com