Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9887TS/V4 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA9887TS/V4
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9887TS/V4 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 23Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 24Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 25Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 26Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 27Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 28Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 29Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 30Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
2004 Aug 25
27
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
S/NW
weighted signal-to-noise ratio
weighted in accordance
with
“CCIR 567”;
see Fig.13; note 7
56
59
−
dB
S/NUW
unweighted signal-to-noise ratio note 7
48
52
−
dB
VIF-AGC; note 12
tresp(inc)
AGC response time to an
increasing VIF step
negative modulation;
20 dB; note 13
−
4
−
ms
positive modulation;
20 dB; note 13
−
2.6
−
ms
tresp(dec)
AGC response time to a
decreasing VIF step
negative modulation;
20 dB; note 13
−
3
−
ms
positive modulation;
20 dB; note 13
−
890
−
ms
L standard; fast mode
−
2.6
−
ms/dB
L standard; normal
mode; note 13
−
143
−
ms/dB
∆Vi(VIF)
VIF amplitude step for activating
AGC fast mode
L standard
−2
−6
−10
dB
VVAGC
gain control voltage range
0.8
−
3.5
V
CRstps
control steepness
definition:
∆GVIF/∆VVAGC;
VVAGC =2to3V
−−80
−
dB/V
Vth(VIF)
threshold voltage for high level
VIF input
see Tables 5 and 6
120
200
320
µV
PIN VAGC
Ich(max)
maximum charge current
L standard
−
100
−µA
Ich(add)
additional charge current
L standard: in the event
of missing VITS pulses
and no white video
content
−
100
−
nA
Idch
discharge current
L standard; normal
mode
−
35
−
nA
L standard; fast mode
−
1.8
−µA
Tuner AGC (pin TAGC); see Figs 7 to 10
Vi(VIF)(start1)(rms)
VIF input signal voltage for
minimum starting point of tuner
takeover at pins VIF1 and VIF2
(RMS value)
ITAGC = 120 µA;
RTOP =22kΩ or
no RTOP and −15 dB via
I2C-bus (see Table 13)
−
25mV
Vi(VIF)(start2)(rms)
VIF input signal voltage for
maximum starting point of tuner
takeover at pins VIF1 and VIF2
(RMS value)
ITAGC = 120 µA;
RTOP =0 Ω or no RTOP
and +15 dB via I2C-bus
(see Table 13)
45
90
−
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com