Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9887TS/V4 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9887TS/V4
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9887TS/V4 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 14Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 15Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 16Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 17Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 18Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 19Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 20Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 21Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
2004 Aug 25
18
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
Notes
1. For positive AM TV choose 6.5 MHz for the second SIF.
2. For FM radio, select fVIF = 45.75 MHz for NTSC applications; otherwise use an arbitrary video IF (see Table 17).
9.2.3
DATA BYTE FOR ADJUST MODE
Table 12 Bit description of SAD register for adjust mode (SAD = 01)
B0
Video mode (sound trap)
1
sound trap bypass
0
sound trap active
BIT
VALUE
DESCRIPTION
C7
Audio gain
1
−6dB
00 dB
C6
De-emphasis time constant
150
µs
075
µs
C5
De-emphasis
1on
0
off
C4 to C0
Tuner takeover point adjustment
see Table 13
BIT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com