Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9887TS/V4 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDA9887TS/V4
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9887TS/V4 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 45Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 46Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 47Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 48Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 49Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 50Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 51Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 52Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
mhc151
(30)
1
(1)
3
(5)
7
(31)
2
(2)
4
(3)
5
(4)
6
22
(24)
23
(26)
18
(20)
21
(23)
20
(22)
19
(21)
(7)
8
(8)
9
(9)
10
17
(18)
16
(17)
15
(16)
14
(15)
13
(14)
external
reference
AFC
output
VIF-PLL
filter (2)
VP
4 MHz
24
(27)
470 nF
390
pF
10 nF
VIF1
VIF2
SIF2
SIF1
OP1
FMPLL
VAGC
AFC
VPLL
VP
AGND
DEEM
AFD
DGND
AUD
(10)
11
SCL
(11)
12
SIOMAD
TOP
SDA
100
nF
100
pF
1.5
nF
tuner AGC
output
radio test
input
CVBS
output
TAGC
FMIN
CVBS
OP2
REF
5.6 k
Ω
10 nF
FM-PLL
filter
22
k
Ω
22 k
Ω
150 k
Ω
150 k
Ω
R2
(1)
R3
150
Ω
220 nF
Cx
470 nF
R1
2.2
k
Ω
(1)
MAD
select
audio
output
intercarrier
output
TDA9887
51
Ω
1
: 1
VIF
input
51
Ω
1
: 1
51
Ω
SIF
input
22 k
Ω
Fig.25 Test circuit.
Pin numbers for TDA9887HN in parenthesis.
(1) Optional for I2C-bus address selection.
(2) Different VIF loop filter in comparison with the application circuit due to different input characteristics (SAW filter or transformer).
Option
R1 not used
R1 = 2.2 k
Ω
R2 and R3 not used
1000 011 (R/W)
1000 010 (R/W)
R2 = R3 = 150 k
Ω
1001 011 (R/W)
1001 010 (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com