Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9887TS/V4 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA9887TS/V4
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9887TS/V4 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 26Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 27Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 28Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 29Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 30Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 31Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 32Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 33Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
2004 Aug 25
30
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
∆Vr(PC)(rms)
residual picture carrier
(RMS value)
fundamental wave and
harmonics
QSS mode
−
25mV
intercarrier mode
−
520
mV
αH
suppression of video signal
harmonics
intercarrier mode;
fvideo = 5 MHz
35
40
−
dB
Ro
output resistance
note 3
−−
30
Ω
VO
DC output voltage
−
2
−
V
Ibias(int)
internal DC bias current for
emitter follower
0.90
1.15
−
mA
Io(sink)(max)
maximum AC output sink
current
0.6
0.8
−
mA
Io(source)(max)
maximum AC output source
current
0.6
0.8
−
mA
Io(source)
DC output source current
MAD2 activated;
note 17
0.75
0.93
1.20
mA
FM-PLL demodulator; notes 15 and 18 to 22
SOUND INTERCARRIER OUTPUT (PIN SIOMAD)
VFM(rms)
IF intercarrier level for gain
controlled operation of FM-PLL
(RMS value)
corresponding PC/SC
ratio at input pins VIF1
and VIF2 is 7 to 47 dB
3.2
−
320
mV
VFM(lock)(rms)
IF intercarrier level for lock-in of
PLL (RMS value)
−−
2mV
VFM(det)(rms)
IF intercarrier level for
FM carrier detect (RMS value)
see Table 6
−−
2.3
mV
fFM
sound intercarrier operating
FM frequencies
see Tables 11 and 14
−
4.5
−
MHz
−
5.5
−
MHz
−
6.0
−
MHz
−
6.5
−
MHz
−
10.7
−
MHz
IF INTERCARRIER INPUT (PIN FMIN)
Vi(FM)(rms)
IF intercarrier input voltage for
gain controlled operation of
FM-PLL (RMS value)
radio mode and
FM external mode;
see Table 16
1
−
100
mV
VFM(lock)(rms)
IF intercarrier level for lock-in of
PLL (RMS value)
−−
0.7
mV
VFM(det)(rms)
IF intercarrier level for
FM carrier detect (RMS value)
see Table 6
−−
0.8
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com