Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9887TS/V4 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA9887TS/V4
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9887TS/V4 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 25Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 26Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 27Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 28Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 29Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 30Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 31Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 32Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
2004 Aug 25
29
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
SIF amplifier (pins SIF1 and SIF2)
Vi(SIF)(rms)
SIF input voltage sensitivity
(RMS value)
FM mode;
−3 dB at
intercarrier output
pin SIOMAD
−
30
70
µV
AM mode;
−3 dB at
AF output pin AUD
−
70
100
µV
Vi(max)(rms)
maximum input voltage
(RMS value)
FM mode; 1 dB at
intercarrier output
pin SIOMAD
50
70
−
mV
AM mode; 1 dB at
AF output pin AUD
80
140
−
mV
Vi(ovl)(rms)
overload input voltage
(RMS value)
note 2
−−
320
mV
GSIF(cr)
SIF gain control range
FM and AM mode
60
66
−
dB
BSIF(−3dB)(ll)
lower limit
−3 dB SIF bandwidth
−
15
−
MHz
BSIF(−3dB)(ul)
upper limit
−3 dB SIF bandwidth
−
80
−
MHz
Ri(dif)
differential input resistance
note 3
−
2
−
k
Ω
Ci(dif)
differential input capacitance
note 3
−
3
−
pF
VI
DC input voltage
−
1.93
−
V
SIF-AGC detector
tresp
AGC response time to an
increasing or decreasing SIF
step of 20 dB
FM or AM fast step
increasing
−
8
−
ms
decreasing
−
25
−
ms
AM slow step
increasing
−
80
−
ms
decreasing
−
250
−
ms
Single reference QSS intercarrier mixer (pin SIOMAD)
Vo(intc)(rms)
IF intercarrier output level
(RMS value)
QSS mode;
SC1;SC2 off
90
140
180
mV
L standard;
without modulation
90
140
180
mV
intercarrier mode;
PC/SC1 = 20 dB;
SC2 off; note 16
−
75
−
mV
Bintc(−3dB)(ul)
upper limit
−3 dB intercarrier
bandwidth
12
15
−
MHz
∆Vr(SC)(rms)
residual sound carrier
(RMS value)
fundamental wave and
harmonics
QSS mode
−
25mV
intercarrier mode
−
25mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com