Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9887TS/V4 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA9887TS/V4
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9887TS/V4 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 28Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 29Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 30Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 31Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 32Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 33Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 34Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 35Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
2004 Aug 25
32
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
Io(source)(DAH)
output source current of digital
acquisition help
−
55
−µA
Io(sink)(DAH)
output sink current of digital
acquisition help
−
55
−µA
tW(DAH)
pulse width of digital acquisition
help current
−
16
−µs
Tcy(DAH)
cycle time of digital acquisition
help
−
64
−µs
KO(FM)
VCO steepness
definition:
∆fFM/∆VFMPLL −
3.3
−
MHz/V
KD(FM)
phase detector steepness
definition:
∆IFMPLL/∆ϕFM −
4
−µA/rad
Audio amplifier
DE-EMPHASIS NETWORK (PIN DEEM)
Ro
output resistance
50
µs de-emphasis;
see Table 12
4.4
5.0
5.6
k
Ω
75
µs de-emphasis;
see Table 12
6.6
7.5
8.4
k
Ω
VAF(rms)
audio signal (RMS value)
fAF = 400 Hz;
VAUD = 500 mV
−
170
−
mV
VO
DC output voltage
−
2.37
−
V
AF DECOUPLING (PIN AFD)
Vdec
DC decoupling voltage
dependent on fFM
intercarrier frequency
1.5
−
3.3
V
IL
leakage current
∆VO(AUD) < ±50 mV
−−±25
nA
Ich(max)
maximum charge current
1.15
1.50
1.85
µA
Idch(max)
maximum discharge current
1.15
1.50
1.85
µA
AUDIO OUTPUT (PIN AUD)
Ro
output resistance
note 3
−−
300
Ω
VO(AUD)
DC output voltage
−
2.37
−
V
RL
load resistance
AC-coupled
10
−−
k
Ω
RL(DC)
DC load resistance
100
−−
k
Ω
CL
load capacitance
−−
1.5
nF
BAF(−3dB)(ul)
upper limit
−3 dB AF bandwidth
of audio amplifier
150
−−
kHz
BAF(−3dB)(ll)
lower limit
−3 dB AF bandwidth
of audio amplifier
note 20
−−
20
Hz
αmute
mute attenuation of AF signal
via I2C-bus
70
75
−
dB
∆Vjump
DC jump voltage for switching
AF output to mute state or vice
versa
activated by digital
acquisition help or via
I2C-bus mute
−±50
±150
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com