Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-1 Datasheet(PDF) 29 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 29 Page - Microchip Technology

Back Button UCS1003-1 Datasheet HTML 25Page - Microchip Technology UCS1003-1 Datasheet HTML 26Page - Microchip Technology UCS1003-1 Datasheet HTML 27Page - Microchip Technology UCS1003-1 Datasheet HTML 28Page - Microchip Technology UCS1003-1 Datasheet HTML 29Page - Microchip Technology UCS1003-1 Datasheet HTML 30Page - Microchip Technology UCS1003-1 Datasheet HTML 31Page - Microchip Technology UCS1003-1 Datasheet HTML 32Page - Microchip Technology UCS1003-1 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 29
UCS1003-1/2/3
5.0
GENERAL DESCRIPTION
The UCS1003-1/2/3 family of devices provides a single
USB port power switch for precise control of up to 3.0A
continuous current with Overcurrent Limit (OCL),
dynamic thermal management, latch or auto-recovery
Fault handling, selectable active-high or active-low
enable, Undervoltage and Overvoltage Lockout, and
back-voltage protection.
Split supply support for VBUS and VDD is an option for
low power in system standby states.
In addition to power switching and current limiting, the
UCS1003-1/2/3 provides charger emulation profiles to
charge a wide variety of portable devices, including
USB-IF BC1.2 (CDP or DCP modes), YD/T-1591 (2009),
12W charging, most Apple, Samsung and RIM portable
devices, and many others (refer to Section 9.0 “Active
State”
for more information on preloaded charger
emulation profiles). The UCS1003-1 has a custom
programmable charger emulation profile for portable
device support for fully host controlled charger emulation.
The UCS1003-1 also provides current monitoring to allow
intelligent management of system power and charge
rationing for controlled delivery of current, regardless of
the host power state. This is especially important for
battery-operated applications that need to provide power
without excessively draining the battery or that require
power allocation depending on application activities.
Figure 5-1 shows a UCS1003-1 full-featured system
configuration in which the UCS1003-1 provides a port
power switch and low-power Attach Detection with
wake-up signaling (wake on USB). The current limit is
established at power-up. It can be lowered, if required,
after power-up via the SMBus/I2C. This configuration
also provides configurable USB data line charger emu-
lation, programmable current limiting (as determined
by the accepted charger emulation profile), active
current monitoring and port charge rationing.
FIGURE 5-1:
UCS1003-1 System Configuration (with Charger Emulation, SMBus Control and
USB Host).
UCS1003-1
ALERT#
3V-5.5V
Device
DPOUT
DMOUT
5V
VBUS1
VBUS2
VS1
VS2
A_DET#
5V Host
CBUS
USB Host
3V-5.5V
CIN
VDD
DPIN
DMIN
VDD
EM_EN
M1
M2
PWR_EN
SMDATA
SMCLK
SEL
COMM_SEL/ILIM
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com