Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-1 Datasheet(PDF) 67 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 67 Page - Microchip Technology

Back Button UCS1003-1 Datasheet HTML 63Page - Microchip Technology UCS1003-1 Datasheet HTML 64Page - Microchip Technology UCS1003-1 Datasheet HTML 65Page - Microchip Technology UCS1003-1 Datasheet HTML 66Page - Microchip Technology UCS1003-1 Datasheet HTML 67Page - Microchip Technology UCS1003-1 Datasheet HTML 68Page - Microchip Technology UCS1003-1 Datasheet HTML 69Page - Microchip Technology UCS1003-1 Datasheet HTML 70Page - Microchip Technology UCS1003-1 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 67
UCS1003-1/2/3
bit 2
OV_VOLT:
VS_OV Threshold Voltage Status bit
Indicates that the VS voltage has exceeded the VS_OV threshold and the device has entered the Error
state. This bit will be cleared when read if the error condition has been removed or if the ERR bit is
cleared. This bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
1
= VS > VS_OV
0
= VS < VS_OV
bit 1
BACK_V:
VBUS Voltage Status bit
Indicates that the VBUS voltage has exceeded the VS or VDD voltages by more than 150 mV. This bit will
be cleared when read if the error condition has been removed or if the ERR bit is cleared. This bit will
cause the ALERT# pin to be asserted and the device to enter the Error state.
1
= VBUS >VS, or VBUS >VDD by more than 150 mV
0
= VBUS voltage has not exceeded the VS and VDD voltages by more than 150 mV
bit 0
OV_LIM:
IBUS Current Threshold Status bit
Indicates that the IBUS current has exceeded both the ILIM threshold and the IBUS_R2MIN threshold set-
tings. This bit will be cleared when read if the error condition has been removed or if the ERR bit is
cleared. This bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
1
= IBUS > ILIM and IBUS_R2MIN
0
= IBUS has not exceeded both ILIM threshold and the IBUS_R2MIN threshold settings
REGISTER 10-3:
INTERRUPT STATUS REGISTER (ADDRESS 10h) (CONTINUED)
Note 1:
If the auto-recovery Fault handling is not used, the ERR bit must be written to a logic ‘0’ to be cleared. It
will also be cleared when the PWR_EN control is disabled.
2:
Note that the ERR bit does not necessarily reflect the ALERT# pin status. The ALERT# pin may be
cleared or asserted without the ERR bit changing states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com