Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-1 Datasheet(PDF) 46 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 46 Page - Microchip Technology

Back Button UCS1003-1 Datasheet HTML 42Page - Microchip Technology UCS1003-1 Datasheet HTML 43Page - Microchip Technology UCS1003-1 Datasheet HTML 44Page - Microchip Technology UCS1003-1 Datasheet HTML 45Page - Microchip Technology UCS1003-1 Datasheet HTML 46Page - Microchip Technology UCS1003-1 Datasheet HTML 47Page - Microchip Technology UCS1003-1 Datasheet HTML 48Page - Microchip Technology UCS1003-1 Datasheet HTML 49Page - Microchip Technology UCS1003-1 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 46
 2014-2015 Microchip Technology Inc.
7.4.1
CHARGE RATIONING
INTERACTIONS
When charge rationing is active, regardless of the
specified behavior, the UCS1003-1 will function nor-
mally until the charge rationing threshold is reached.
Note that charge rationing is only active when the
UCS1003-1 is in the Active state and it does not auto-
matically reset when a Removal or Attach Detection
event occurs. Charger emulation will start over if a
Removal Detection event and Attach Detection event
occur while charge rationing is active, and the charge
rationing threshold has not been reached. This allows
charging of sequential portable devices while charge is
being rationed, which means that the accumulated
power given to several portable devices will still be held
to the stated rationing limit.
Changing the charge rationing behavior will have no
effect on the Charge Rationing Data registers. If the
behavior is changed prior to reaching the charge
rationing threshold, this change will occur and be
transparent to the user. When the charge rationing
threshold is reached, the UCS1003-1 will take action,
as shown in Table 7-2. If the behavior is changed after
the charge rationing threshold has been reached, the
UCS1003-1
will
immediately
adopt
the
newly
programmed behavior, clearing the ALERT# pin and
restoring switch operation respectively (see Table 7-4).
TABLE 7-3:
CHARGE RATIONING RESET BEHAVIOR
Behavior
Reset Actions
Report
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Release the ALERT# pin.
Report
and Disconnect
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Release the ALERT# pin.
4.
Check the M1, M2, EM_EN, S0 and PWR_EN controls and enter the indicated power state
if the controls changed (see Note 1).
Disconnect
and Go to Sleep
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Check the M1, M2, EM_EN, S0 and PWR_EN controls and enter the indicated power state
if the controls changed (see Note 1).
Ignore
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
Note 1:
Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions have changed, then charger emulation will be
restarted (provided emulation is enabled via the pin states). If the pin conditions have not changed, the
UCS1003-1 returns to the previous power state as if the rationing threshold had not been reached (e.g., it
will not discharge VBUS or restart emulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com