Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-1 Datasheet(PDF) 17 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 17 Page - Microchip Technology

Back Button UCS1003-1 Datasheet HTML 13Page - Microchip Technology UCS1003-1 Datasheet HTML 14Page - Microchip Technology UCS1003-1 Datasheet HTML 15Page - Microchip Technology UCS1003-1 Datasheet HTML 16Page - Microchip Technology UCS1003-1 Datasheet HTML 17Page - Microchip Technology UCS1003-1 Datasheet HTML 18Page - Microchip Technology UCS1003-1 Datasheet HTML 19Page - Microchip Technology UCS1003-1 Datasheet HTML 20Page - Microchip Technology UCS1003-1 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 17
UCS1003-1/2/3
2.0
TYPICAL PERFORMANCE
CURVES
Note:
Unless otherwise indicated, VDD = VS = 5V, TA = +27°C.
FIGURE 2-1:
USB-IF High-Speed Eye
Diagram (Without Data Switch).
FIGURE 2-2:
USB-IF High-Speed Eye
Diagram (With Data Switch).
FIGURE 2-3:
Short Applied After
Power-up.
FIGURE 2-4:
Power-up Into a Short.
FIGURE 2-5:
Internal Power Switch Short
Response.
FIGURE 2-6:
VBUS Discharge Behavior.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-1
0
1
2
3
4
5
6
-1
0
1
2
3
4
5
6
02468
10
Time (ms)
V
S = VDD = 5V
I
LIM = 3A max. (2.85A typical), short applied at 2 ms
ALERT #
I
BUS
V
BUS
0
1
2
3
4
5
6
0
1
2
3
4
5
6
0
5
010
20
30
40
50
VDD
ALERT# Pin
IBUS Current
Time (ms)
VS =VDD = 5V, short applied at 16 ms
-2
-1
0
1
2
3
4
5
6
020
40
-2
0
2
4
6
8
10
12
14
Time (µs)
V
S =VDD = 5V,
I
LIM = 2.05A (typical),
short applied at 17.2 µs
V
BUS
I
BUS
-1
0
1
2
3
4
5
6
0
100
200
300
400
500
Time (ms)
V
BUS
EM_EN
V
S = VDD = 5V
M2 = 0,
M1 = PWR_EN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com