Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-1 Datasheet(PDF) 56 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 56 Page - Microchip Technology

Back Button UCS1003-1 Datasheet HTML 52Page - Microchip Technology UCS1003-1 Datasheet HTML 53Page - Microchip Technology UCS1003-1 Datasheet HTML 54Page - Microchip Technology UCS1003-1 Datasheet HTML 55Page - Microchip Technology UCS1003-1 Datasheet HTML 56Page - Microchip Technology UCS1003-1 Datasheet HTML 57Page - Microchip Technology UCS1003-1 Datasheet HTML 58Page - Microchip Technology UCS1003-1 Datasheet HTML 59Page - Microchip Technology UCS1003-1 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 56
 2014-2015 Microchip Technology Inc.
9.9
Current Limit Mode Associations
The UCS1003-1/2/3 will close the port power switch and
use the Current-Limiting mode, as shown in Table 9-2.
TABLE 9-2:
CURRENT LIMIT MODE OPTIONS
Active Mode
Current Limit Mode
(See Section 10.14 “Current-Limiting Behavior
Configuration Registers”)
Data Pass-Through
Trip mode
BC1.2 SDP
Trip mode
BC1.2 CDP
CC mode if ILIM < 1.68A; otherwise, Trip mode
BC1.2 DCP
CC mode if ILIM < 1.68A; otherwise, Trip mode
DCE Cycle Mode
UCS1003-1
During DCE Cycle, when a charger emulation profile is
being applied and the emulation time-out is active
CC mode if ILIM < 1.68A; otherwise, Trip mode
BC1.2 DCP charger emulation profile accepted or the
emulation time-out is disabled
CC mode if ILIM < 1.68A; otherwise, Trip mode
Legacy 2 charger emulation profile accepted or the
emulation time-out is disabled
CC mode if ILIM < 1.68A; otherwise, Trip mode
Legacy 1 or Legacy 3 – Legacy 7 charger emulation
profile accepted or the emulation time-out is disabled
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.68A
(normal operation); otherwise, CC mode
(see Register 10-49)(Note 1)
Custom charger emulation profile accepted or the
emulation time-out is disabled
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.68A
(normal operation); otherwise, CC mode
(see Register 10-49)(Note 1)
No handshake
(DCE Cycle with emulation retry not enabled)
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.68A
(normal operation); otherwise, CC mode
(see Register 10-49)(Note 1)
UCS1003-2/3
During DCE Cycle, when a charger emulation profile is
being applied and the emulation time-out is active
CC mode if ILIM < 1.68A; otherwise, Trip mode
Legacy 3 charger emulation profile accepted
CC mode if ILIM < 1.68A; otherwise, Trip mode
Legacy 1, Legacy 2 or Legacy 4 – Legacy 7 charger
emulation profile accepted
Trip mode
Note 1:
In the case of UCS1003-1, under these specific conditions with ILIM < 1.68A, it is the relationship of ILIM
and IBUS_R2MIN that determines the Current-Limiting mode. In these cases, the value of IBUS_R2MIN is
determined by the CS_R2_IMIN<2:0> bits, Custom Current-Limiting Behavior Configuration<4:2>
(Register 10-49).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com