Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-1 Datasheet(PDF) 98 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 98 Page - Microchip Technology

Back Button UCS1003-1 Datasheet HTML 94Page - Microchip Technology UCS1003-1 Datasheet HTML 95Page - Microchip Technology UCS1003-1 Datasheet HTML 96Page - Microchip Technology UCS1003-1 Datasheet HTML 97Page - Microchip Technology UCS1003-1 Datasheet HTML 98Page - Microchip Technology UCS1003-1 Datasheet HTML 99Page - Microchip Technology UCS1003-1 Datasheet HTML 100Page - Microchip Technology UCS1003-1 Datasheet HTML 101Page - Microchip Technology UCS1003-1 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 98
 2014-2015 Microchip Technology Inc.
REGISTER 10-29: PRELOADED EMULATION STIMULUS 2 CONFIGURATION 2 REGISTER
(ADDRESS 36h)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
S2_R2MAG<3:0>
S2_R2<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
S2_R2MAG<3:0>:
Stimulus 2 Response Magnitude bits
Determines the magnitude of the response to the stimulus. The bit decode changes meaning based on
which response was selected. Data written to any field that is identified as “Do not use” will not be
accepted. The data will not be updated and the settings will remain set at the previous value.
For S2_R2 Settings 0000-0011
:
The response is a voltage applied on the DPOUT/DMOUT pins. The S2_R2MAG bits specify the voltage
relative to ground.
For S2_R2 settings 0100, 0111, 1101-1111
:
The response is a resistor connected on DPOUT/DMOUT to GND or VBUS. The S2_R2MAG<3:0> bits
specify the resistor value.
For S2_R2 Settings 0110, 1001, 1100
:
The response is a voltage divider applied from VBUS to GND with the ‘center’ at DPOUT/DMOUT. The
S2_R2MAG bits<3:0> specify the minimum resistance of the voltage divider (sum of R1 + R2).
Note 1:
If STIM2<2:0> = 000b and no other response was applied to the DPOUT pin, the 15 k pull-down resistor
applied to the DPOUT pin during emulation Reset is not removed. Otherwise, the previous response is left
on the DPOUT pin (if applicable) or the 15 k pull-down resistor is removed.
2:
If STIM2<2:0> = 000b and no other response was applied to the DMOUT pin, the 15 k pull-down resistor
applied to the DMOUT pin during emulation Reset is not removed. Otherwise, the previous response is left
on the DMOUT pin (if applicable) or the 15 k pull-down resistor is removed.
0000
= Pull-down
0110
= 600 mV
1100
= 1800 mV
0001
= 400 mV
0111
= 700 mV
1101
= 2000 mV
0010
= 400 mV
1000
= 800 mV
1110
= 2200 mV
0011
= 400 mV
1001
= 900 mV
1111
= Do not use
0100
= 400 mV
1010
= 1400 mV
0101
= 500 mV
1011
= 1600 mV
0000
=1.8 k
0110
=40 k
1100
= 100 k
0001
=10 k
0111
=43 k
1101
= 120 k
0010
=15 k
1000
=50 k
1110
= 150 k
0011
=20 k
1001
=60 k
1111
= Do not use
0100
=25 k
1010
=75 k
0101
=30 k
1011
=80 k
0000
=93 k
0110
= 200 k
1100
= 200 k
0001
= 100 k
0111
= 200 k
1101
= 200 k
0010
= 125 k
1000
=93 k
1110
= 200 k
0011
= 150 k
1001
= 100 k
1111
= Do not use
0100
= 200 k
1010
= 125 k
0101
= 200 k
1011
= 150 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com