Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-1 Datasheet(PDF) 20 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 20 Page - Microchip Technology

Back Button UCS1003-1 Datasheet HTML 16Page - Microchip Technology UCS1003-1 Datasheet HTML 17Page - Microchip Technology UCS1003-1 Datasheet HTML 18Page - Microchip Technology UCS1003-1 Datasheet HTML 19Page - Microchip Technology UCS1003-1 Datasheet HTML 20Page - Microchip Technology UCS1003-1 Datasheet HTML 21Page - Microchip Technology UCS1003-1 Datasheet HTML 22Page - Microchip Technology UCS1003-1 Datasheet HTML 23Page - Microchip Technology UCS1003-1 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 20
 2014-2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = VS = 5V, TA = +27°C.
FIGURE 2-19:
Detect State Current vs.
Temperature.
FIGURE 2-20:
Sleep State Current vs.
Temperature.
FIGURE 2-21:
ILIM1 Trip Current
Distribution.
FIGURE 2-22:
ILIM2 Trip Current
Distribution.
FIGURE 2-23:
ILIM3 Trip Current
Distribution.
FIGURE 2-24:
ILIM4 Trip Current
Distribution.
0
50
100
150
200
250
-40
-15
10
35
60
85
Temperature (°C)
I
DD
V
S = VDD = 5V
I
DD + IS
I
S
0
1
2
3
4
5
6
7
8
9
10
-40
-15
10
35
60
85
Temperature (°C)
I
DD
V
S = VDD = 5V
I
DD + IS
I
S
0%
5%
10%
15%
20%
25%
30%
V
BUS Current (A)
0%
5%
10%
15%
20%
25%
30%
35%
40%
V
BUS Current (A)
0%
5%
10%
15%
20%
25%
30%
V
BUS Current (A)
0%
5%
10%
15%
20%
25%
30%
35%
V
BUS Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com